Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430FR6972IPM Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430FR6972IPM
Description  Mixed?멣ignal Microcontrollers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430FR6972IPM Datasheet(HTML) 2 Page - Texas Instruments

  MSP430FR6972IPM Datasheet HTML 1Page - Texas Instruments MSP430FR6972IPM Datasheet HTML 2Page - Texas Instruments MSP430FR6972IPM Datasheet HTML 3Page - Texas Instruments MSP430FR6972IPM Datasheet HTML 4Page - Texas Instruments MSP430FR6972IPM Datasheet HTML 5Page - Texas Instruments MSP430FR6972IPM Datasheet HTML 6Page - Texas Instruments MSP430FR6972IPM Datasheet HTML 7Page - Texas Instruments MSP430FR6972IPM Datasheet HTML 8Page - Texas Instruments MSP430FR6972IPM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 157 page
background image
MSP430FR6972, MSP430FR69721, MSP430FR6970, MSP430FR6872
MSP430FR68721, MSP430FR6870, MSP430FR6922, MSP430FR69221
MSP430FR6920, MSP430FR6822, MSP430FR68221, MSP430FR6820
SLASE23C – JANUARY 2015 – REVISED MAY 2015
www.ti.com
1.2
Applications
•
Heat Cost Allocators
•
Portable Medical Equipment
•
Utility Meters – Electricity, Water, and Gas
•
Sensor Management
•
Thermostats
•
Weigh Scales
1.3
Description
This ultra-low-power MSP430FRxx FRAM microcontroller family consists of several devices featuring
embedded nonvolatile FRAM, a 16-bit CPU, and different sets of peripherals targeted for various
applications. The architecture, FRAM, and peripherals, combined with seven low-power modes, are
optimized to achieve extended battery life in portable and wireless sensing applications. FRAM is a new
nonvolatile memory that combines the speed, flexibility, and endurance of SRAM with the stability and
reliability of flash, all at lower total power consumption.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE(2)
MSP430FR6972IPMR
LQFP (64)
10 mm × 10 mm
MSP430FR6972IRGC
VQFN (64)
9 mm × 9 mm
MSP430FR6922IG56
TSSOP (56)
6.1 mm × 14 mm
(1)
For the most current part, package, and ordering information for all available devices, see the Package
Option Addendum in Section 9, or see the TI website at www.ti.com.
(2)
The sizes shown here are approximations. For the package dimensions with tolerances, see the
Mechanical Data in Section 9.
2
Device Overview
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: MSP430FR6972 MSP430FR69721 MSP430FR6970 MSP430FR6872 MSP430FR68721
MSP430FR6870 MSP430FR6922 MSP430FR69221 MSP430FR6920 MSP430FR6822 MSP430FR68221
MSP430FR6820



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com