Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430FR6972IPM Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430FR6972IPM
Description  Mixed?멣ignal Microcontrollers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430FR6972IPM Datasheet(HTML) 32 Page - Texas Instruments

Back Button MSP430FR6972IPM Datasheet HTML 28Page - Texas Instruments MSP430FR6972IPM Datasheet HTML 29Page - Texas Instruments MSP430FR6972IPM Datasheet HTML 30Page - Texas Instruments MSP430FR6972IPM Datasheet HTML 31Page - Texas Instruments MSP430FR6972IPM Datasheet HTML 32Page - Texas Instruments MSP430FR6972IPM Datasheet HTML 33Page - Texas Instruments MSP430FR6972IPM Datasheet HTML 34Page - Texas Instruments MSP430FR6972IPM Datasheet HTML 35Page - Texas Instruments MSP430FR6972IPM Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 157 page
background image
MSP430FR6972, MSP430FR69721, MSP430FR6970, MSP430FR6872
MSP430FR68721, MSP430FR6870, MSP430FR6922, MSP430FR69221
MSP430FR6920, MSP430FR6822, MSP430FR68221, MSP430FR6820
SLASE23C – JANUARY 2015 – REVISED MAY 2015
www.ti.com
5.9
Low-Power Mode LPMx.5 Supply Currents (Into VCC) Excluding External Current
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
(1)
–40°C
25°C
60°C
85°C
PARAMETER
VCC
UNIT
TYP
MAX
TYP
MAX
TYP
MAX
TYP
MAX
2.2 V
0.45
0.5
0.6
0.75
Low-power mode 3.5, 12-pF
ILPM3.5,XT12
μA
crystal including SVS(2) (3) (4)
3.0 V
0.45
0.5
0.75
0.6
0.75
1.4
2.2 V
0.3
0.35
0.4
0.65
Low-power mode 3.5, 3.7-pF
ILPM3.5,XT3.7
μA
crystal excluding SVS(2) (5) (6)
3.0 V
0.3
0.35
0.4
0.65
2.2 V
0.2
0.3
0.35
0.4
Low-power mode 4.5, including
ILPM4.5,SVS
μA
SVS(7)
3.0 V
0.2
0.3
0.5
0.35
0.4
0.7
2.2 V
0.03
0.04
0.06
0.14
Low-power mode 4.5,
ILPM4.5
μA
excluding SVS(8)
3.0 V
0.03
0.04
0.06
0.14
0.5
(1)
All inputs are tied to 0 V or to VCC. Outputs do not source or sink any current.
(2)
Not applicable for devices with HF crystal oscillator only.
(3)
Characterized with a Micro Crystal MS1V-T1K crystal with a load capacitance of 12.5 pF. The internal and external load capacitance are
chosen to closely match the required 12.5 pF load.
(4)
Low-power mode 3.5, 1-pF crystal including SVS test conditions:
Current for RTC clocked by XT1 included. Current for brownout and SVS included (SVSHE = 1). Core regulator disabled.
PMMREGOFF = 1, CPUOFF = 1, SCG0 = 1 SCG1 = 1, OSCOFF = 1 (LPMx.5),
fXT1 = 32768 Hz, fACLK = fXT1, fMCLK = fSMCLK = 0 MHz
(5)
Characterized with a Seiko SSP-T7-FL (SMD) crystal with a load capacitance of 3.7 pF. The internal and external load capacitance are
chosen to closely match the required 3.7-pF load.
(6)
Low-power mode 3.5, 3.7-pF crystal excluding SVS test conditions:
Current for RTC clocked by XT1 included.Current for brownout included. SVS disabled (SVSHE = 0). Core regulator disabled.
PMMREGOFF = 1, CPUOFF = 1, SCG0 = 1 SCG1 = 1, OSCOFF = 1 (LPMx.5),
fXT1 = 32768 Hz, fACLK = fXT1, fMCLK = fSMCLK = 0 MHz
(7)
Low-power mode 4.5 including SVS test conditions:
Current for brownout and SVS included (SVSHE = 1). Core regulator disabled.
PMMREGOFF = 1, CPUOFF = 1, SCG0 = 1 SCG1 = 1, OSCOFF = 1 (LPMx.5),
fXT1 = 0 Hz, fACLK = 0 Hz, fMCLK = fSMCLK = 0 MHz
(8)
Low-power mode 4.5 excluding SVS test conditions:
Current for brownout included. SVS disabled (SVSHE = 0). Core regulator disabled.
PMMREGOFF = 1, CPUOFF = 1, SCG0 = 1 SCG1 = 1, OSCOFF = 1 (LPMx.5),
fXT1 = 0 Hz, fACLK = 0 Hz, fMCLK = fSMCLK = 0 MHz
32
Specifications
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: MSP430FR6972 MSP430FR69721 MSP430FR6970 MSP430FR6872 MSP430FR68721
MSP430FR6870 MSP430FR6922 MSP430FR69221 MSP430FR6920 MSP430FR6822 MSP430FR68221
MSP430FR6820



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com