Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430FR6972IPM Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430FR6972IPM
Description  Mixed?멣ignal Microcontrollers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430FR6972IPM Datasheet(HTML) 39 Page - Texas Instruments

Back Button MSP430FR6972IPM Datasheet HTML 35Page - Texas Instruments MSP430FR6972IPM Datasheet HTML 36Page - Texas Instruments MSP430FR6972IPM Datasheet HTML 37Page - Texas Instruments MSP430FR6972IPM Datasheet HTML 38Page - Texas Instruments MSP430FR6972IPM Datasheet HTML 39Page - Texas Instruments MSP430FR6972IPM Datasheet HTML 40Page - Texas Instruments MSP430FR6972IPM Datasheet HTML 41Page - Texas Instruments MSP430FR6972IPM Datasheet HTML 42Page - Texas Instruments MSP430FR6972IPM Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 157 page
background image
MSP430FR6972, MSP430FR69721, MSP430FR6970, MSP430FR6872
MSP430FR68721, MSP430FR6870, MSP430FR6922, MSP430FR69221
MSP430FR6920, MSP430FR6822, MSP430FR68221, MSP430FR6820
www.ti.com
SLASE23C – JANUARY 2015 – REVISED MAY 2015
Table 5-6. DCO
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
Measured at SMCLK, divide by 1,
DCO frequency range 1 MHz,
fDCO1
DCORSEL = 0, DCOFSEL = 0
1
±3.5%
MHz
trimmed
DCORSEL = 1, DCOFSEL = 0
DCO frequency range 2.7 MHz,
Measured at SMCLK, divide by 1,
fDCO2.7
2.667
±3.5%
MHz
trimmed
DCORSEL = 0, DCOFSEL = 1
DCO frequency range 3.5 MHz,
Measured at SMCLK, divide by 1,
fDCO3.5
3.5
±3.5%
MHz
trimmed
DCORSEL = 0, DCOFSEL = 2
DCO frequency range 4 MHz,
Measured at SMCLK, divide by 1,
fDCO4
4
±3.5%
MHz
trimmed
DCORSEL = 0, DCOFSEL = 3
Measured at SMCLK, divide by 1,
DCO frequency range 5.3 MHz,
fDCO5.3
DCORSEL = 0, DCOFSEL = 4
5.333
±3.5%
MHz
trimmed
DCORSEL = 1, DCOFSEL = 1
Measured at SMCLK, divide by 1,
DCO frequency range 7 MHz,
fDCO7
DCORSEL = 0, DCOFSEL = 5
7
±3.5%
MHz
trimmed
DCORSEL = 1, DCOFSEL = 2
Measured at SMCLK, divide by 1,
DCO frequency range 8 MHz,
fDCO8
DCORSEL = 0, DCOFSEL = 6
8
±3.5%
MHz
trimmed
DCORSEL = 1, DCOFSEL = 3
DCO frequency range 16 MHz,
Measured at SMCLK, divide by 1,
fDCO16
16
±3.5%(1)
MHz
trimmed
DCORSEL = 1, DCOFSEL = 4
DCO frequency range 21 MHz,
Measured at SMCLK, divide by 2,
fDCO21
21
±3.5%(1)
MHz
trimmed
DCORSEL = 1, DCOFSEL = 5
DCO frequency range 24 MHz,
Measured at SMCLK, divide by 2,
fDCO24
24
±3.5%(1)
MHz
trimmed
DCORSEL = 1, DCOFSEL = 6
Measured at SMCLK, divide by 1,
No external divide, all DCORSEL and
fDCO,DC
Duty cycle
DCOFSEL settings except DCORSEL
48%
50%
52%
= 1, DCOFSEL = 5 and DCORSEL =
1, DCOFSEL = 6
Based on fsignal = 10 kHz and DCO
used for 12-bit SAR ADC sampling
tDCO,
DCO jitter
source. This achieves > 74-dB SNR
2
3
ns
JITTER
due to jitter; that is, it is limited by
ADC performance.
dfDCO/dT
DCO temperature drift(2)
3.0 V
0.01
%/ºC
(1)
After a wakeup from LPM1, LPM2, LPM3 or LPM4 the DCO frequency fDCO might exceed the specified frequency range for a few clocks
cycles by up to 5% before settling into the specified steady state frequency range.
(2)
Calculated using the box method: (MAX(–40°C to 85ºC) – MIN(–40°C to 85ºC)) / MIN(–40°C to 85ºC) / (85ºC – (–40ºC))
Table 5-7. Internal Very-Low-Power Low-Frequency Oscillator (VLO)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
IVLO
Current consumption
100
nA
fVLO
VLO frequency
Measured at ACLK
6
9.4
14
kHz
dfVLO/dT
VLO frequency temperature drift
Measured at ACLK(1)
0.2
%/°C
dfVLO/dVCC
VLO frequency supply voltage drift
Measured at ACLK(2)
0.7
%/V
fVLO,DC
Duty cycle
Measured at ACLK
40%
50%
60%
(1)
Calculated using the box method: (MAX(–40°C to 85°C) – MIN(–40°C to 85°C)) / MIN(–40°C to 85°C) / (85°C – (–40°C))
(2)
Calculated using the box method: (MAX(1.8 V to 3.6 V) – MIN(1.8 V to 3.6 V)) / MIN(1.8 V to 3.6 V) / (3.6 V – 1.8 V)
Copyright © 2015, Texas Instruments Incorporated
Specifications
39
Submit Documentation Feedback
Product Folder Links: MSP430FR6972 MSP430FR69721 MSP430FR6970 MSP430FR6872 MSP430FR68721
MSP430FR6870 MSP430FR6922 MSP430FR69221 MSP430FR6920 MSP430FR6822 MSP430FR68221
MSP430FR6820



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com