Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430FR6972IPM Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430FR6972IPM
Description  Mixed?멣ignal Microcontrollers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430FR6972IPM Datasheet(HTML) 52 Page - Texas Instruments

Back Button MSP430FR6972IPM Datasheet HTML 48Page - Texas Instruments MSP430FR6972IPM Datasheet HTML 49Page - Texas Instruments MSP430FR6972IPM Datasheet HTML 50Page - Texas Instruments MSP430FR6972IPM Datasheet HTML 51Page - Texas Instruments MSP430FR6972IPM Datasheet HTML 52Page - Texas Instruments MSP430FR6972IPM Datasheet HTML 53Page - Texas Instruments MSP430FR6972IPM Datasheet HTML 54Page - Texas Instruments MSP430FR6972IPM Datasheet HTML 55Page - Texas Instruments MSP430FR6972IPM Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 157 page
background image
SDA
SCL
t
HD,DAT
t
SU,DAT
t
HD,STA
t
HIGH
t
LOW
t
BUF
t
HD,STA
t
SU,STA
t
SP
t
SU,STO
MSP430FR6972, MSP430FR69721, MSP430FR6970, MSP430FR6872
MSP430FR68721, MSP430FR6870, MSP430FR6922, MSP430FR69221
MSP430FR6920, MSP430FR6822, MSP430FR68221, MSP430FR6820
SLASE23C – JANUARY 2015 – REVISED MAY 2015
www.ti.com
Table 5-21. eUSCI (I2C Mode)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 5-18)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
Internal: SMCLK, ACLK
feUSCI
eUSCI input clock frequency
External: UCLK
16
MHz
Duty cycle = 50% ± 10%
fSCL
SCL clock frequency
2.2 V, 3.0 V
0
400
kHz
fSCL = 100 kHz
4.0
tHD,STA
Hold time (repeated) START
2.2 V, 3.0 V
µs
fSCL > 100 kHz
0.6
fSCL = 100 kHz
4.7
tSU,STA
Setup time for a repeated START
2.2 V, 3.0 V
µs
fSCL > 100 kHz
0.6
tHD,DAT
Data hold time
2.2 V, 3.0 V
0
ns
tSU,DAT
Data setup time
2.2 V, 3.0 V
100
ns
fSCL = 100 kHz
4.0
tSU,STO
Setup time for STOP
2.2 V, 3.0 V
µs
fSCL > 100 kHz
0.6
fSCL = 100 kHz
4.7
Bus free time between a STOP and
tBUF
us
START condition
fSCL > 100 kHz
1.3
UCGLITx = 0
50
250
UCGLITx = 1
25
125
Pulse duration of spikes suppressed by
tSP
2.2 V, 3.0 V
ns
input filter
UCGLITx = 2
12.5
62.5
UCGLITx = 3
6.3
31.5
UCCLTOx = 1
27
tTIMEOUT
Clock low time-out
UCCLTOx = 2
2.2 V, 3.0 V
30
ms
UCCLTOx = 3
33
Figure 5-18. I2C Mode Timing
52
Specifications
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: MSP430FR6972 MSP430FR69721 MSP430FR6970 MSP430FR6872 MSP430FR68721
MSP430FR6870 MSP430FR6922 MSP430FR69221 MSP430FR6920 MSP430FR6822 MSP430FR68221
MSP430FR6820



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com