Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430FR6972IPM Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430FR6972IPM
Description  Mixed?멣ignal Microcontrollers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430FR6972IPM Datasheet(HTML) 6 Page - Texas Instruments

Back Button MSP430FR6972IPM Datasheet HTML 2Page - Texas Instruments MSP430FR6972IPM Datasheet HTML 3Page - Texas Instruments MSP430FR6972IPM Datasheet HTML 4Page - Texas Instruments MSP430FR6972IPM Datasheet HTML 5Page - Texas Instruments MSP430FR6972IPM Datasheet HTML 6Page - Texas Instruments MSP430FR6972IPM Datasheet HTML 7Page - Texas Instruments MSP430FR6972IPM Datasheet HTML 8Page - Texas Instruments MSP430FR6972IPM Datasheet HTML 9Page - Texas Instruments MSP430FR6972IPM Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 157 page
background image
MSP430FR6972, MSP430FR69721, MSP430FR6970, MSP430FR6872
MSP430FR68721, MSP430FR6870, MSP430FR6922, MSP430FR69221
MSP430FR6920, MSP430FR6822, MSP430FR68221, MSP430FR6820
SLASE23C – JANUARY 2015 – REVISED MAY 2015
www.ti.com
3
Device Comparison
Table 3-1 and Table 3-2 summarize the available family members.
Table 3-1. Device Comparison – Family Members With UART BSL
eUSCI
FRAM
SRAM
CLOCK
PACKAGE
DEVICE
Timer_A(1)
Timer_B(2)
AES
ADC12_B
LCD_C
I/O
(KB)
(KB)
SYSTEM
TYPE
A(3)
B(4)
DCO
3, 3(5)
64 PM
MSP430FR6972
64
2
HFXT
7
2
2
yes
8 ext
112 seg
51
2, 5 (6)(7)
64 RGC
LFXT
DCO
3, 3(5)
64 PM
MSP430FR6872
64
2
HFXT
7
2
2
no
8 ext
112 seg
51
2, 5 (6)(7)
64 RGC
LFXT
DCO
3, 3(5)
64 PM
MSP430FR6970
32
2
HFXT
7
2
2
yes
8 ext
112 seg
51
2, 5 (6)(7)
64 RGC
LFXT
DCO
3, 3(5)
64 PM
MSP430FR6870
32
2
HFXT
7
2
2
no
8 ext
112 seg
51
2, 5 (6)(7)
64 RGC
LFXT
116 seg
64 PM
DCO
3, 3(5)
52
MSP430FR6922
64
2
7
2
2
yes
8 ext
100 seg
64 RGC
LFXT
2, 5 (6)(7)
46 (DGG)
(DGG)
56 DGG
116 seg
64 PM
DCO
3, 3(5)
52
MSP430FR6822
64
2
7
2
2
no
8 ext
100 seg
64 RGC
LFXT
2, 5 (6)(7)
46 (DGG)
(DGG)
56 DGG
116 seg
64 PM
DCO
3, 3(5)
52
MSP430FR6920
32
2
7
2
2
yes
8 ext
100 seg
64 RGC
LFXT
2, 5 (6)(7)
46 (DGG)
(DGG)
56 DGG
116 seg
64 PM
DCO
3, 3(5)
52
MSP430FR6820
32
2
7
2
2
no
8 ext
100 seg
64 RGC
LFXT
2, 5 (6)(7)
46 (DGG)
(DGG)
56 DGG
(1)
Each number in the sequence represents an instantiation of Timer_A with its associated number of capture compare registers and PWM output generators available. For example, a
number sequence of 3, 5 would represent two instantiations of Timer_A, the first instantiation having 3 and the second instantiation having 5 capture compare registers and PWM output
generators, respectively.
(2)
Each number in the sequence represents an instantiation of Timer_B with its associated number of capture compare registers and PWM output generators available. For example, a
number sequence of 3, 5 would represent two instantiations of Timer_B, the first instantiation having 3 and the second instantiation having 5 capture compare registers and PWM output
generators, respectively.
(3)
eUSCI_A supports UART with automatic baud-rate detection, IrDA encode and decode, and SPI.
(4)
eUSCI_B supports I2C with multiple slave addresses and SPI.
(5)
Timer_A TA0 and TA1 provide internal and external capture/compare inputs and internal and external PWM outputs.
(6)
Timer_A TA2 provides only internal capture/compare inputs and only internal PWM outputs (if any).
(7)
Timer_A TA3 provides only internal capture/compare inputs and only internal PWM outputs (if any) for FR692x(1) and FR682x(1) with RGC and PM packages. For FR692x(1) and
FR682x(1) with DGG package and all other devices, Timer_A TA3 provides internal, external capture/compare inputs and internal, external PWM outputs (if any).
6
Device Comparison
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: MSP430FR6972 MSP430FR69721 MSP430FR6970 MSP430FR6872 MSP430FR68721
MSP430FR6870 MSP430FR6922 MSP430FR69221 MSP430FR6920 MSP430FR6822 MSP430FR68221
MSP430FR6820



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com