Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2440AEVB Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC2440AEVB
Description  Dual 30V Step-Down Switching Regulator with 2A Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2440AEVB Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC2440AEVB Datasheet HTML 10Page - Semtech Corporation SC2440AEVB Datasheet HTML 11Page - Semtech Corporation SC2440AEVB Datasheet HTML 12Page - Semtech Corporation SC2440AEVB Datasheet HTML 13Page - Semtech Corporation SC2440AEVB Datasheet HTML 14Page - Semtech Corporation SC2440AEVB Datasheet HTML 15Page - Semtech Corporation SC2440AEVB Datasheet HTML 16Page - Semtech Corporation SC2440AEVB Datasheet HTML 17Page - Semtech Corporation SC2440AEVB Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
4
Applications Information (Continued)
2X Frequency Synchronization
An external clock with frequency f
SYNC ranging from .8X
to 2.7X f
FREE-RUN will synchronize the individual channels
to
with 80o out of phase switching. The nominal
free-running channel frequency should be programmed
to between 0.475f
SYNC and 0.5fSYNC when synchronizing us-
ing a 2X frequency clock.
Example: Detemine the value of the frequency setting
resistor if the SC2440A is to be synchronized to run at
.03MHz per channel.
The required external clock is a TTL-compatible pulse train
running at either .03MHz (for X frequency synchroniza-
tion) or 2.06MHz (for 2X frequency synchronization).
Using the guideline given above, set the nominal free-
running channel frequency to MHz (0.97 × .03MHz for
X frequency synchronization or 0.485 × 2.06MHz for 2X
frequency synchronization).
From Table , a 9.6kΩ resistor sets the channel free-run-
ning frequency to MHz.
Inductor Selection and Output Current
The inductor ripple current ΔI
L for a non-synchronous
step-down converter in continuous-conduction mode is
(3)
where f is the switching frequency and L is the induc-
tance.
In current-mode control, the slope of the modulating
(sensed switch current) ramp should be steep enough
to lessen jitter tendency but not so steep that the large
flux swing decreases efficiency. An inductor ripple current
ΔI
L between 20-30% of the peak inductor current limit is
a good compromise. Inductors so chosen are not only
small but also have low core losses. Setting DI
L = 0.25(2.6)
= 0.65A, V
D = 0.45V and VCESAT = 0.3V in (3), the inductance
can be calculated as:
SC2440A
(4)
where L is in μH and f is in MHz.
Equation (3) shows that for a given V
OUT, DIL increases as
D decreases. If V
IN varies over a wide range, then choose
L based on the nominal input voltage. Always verify con-
verter operation at the input voltage extremes.
The channel current limit is at least 2A. The maximum
load current of a step-down converter is the switch cur-
rent limit I
LIM minus
. The maximum channel output
current is slightly less than 2A.
(5)
The available output current can be made to approach I
LIM
by using a larger inductor.
The saturation current of the inductor should be 20-30%
higher than the peak current limit. Low-cost powder iron
cores are not suitable for high-frequency switching power
supplies due to their high core losses. Inductors with fer-
rite cores are recommended.
Interleaved Switching and Input Capacitor
A step-down converter draws a pulsed current with peak-
to-peak amplitude equal to its output current I
OUT from the
input power supply. An input capacitor placed between
the supply and the buck converter filters the AC current
and keeps the current drawn from the supply constant.
The input capacitance C
IN should be high enough to filter
the pulsed input current. Its equivalent series resistance
(ESR) should be low so that power dissipated in the ca-
pacitor does not result in significant temperature rise and
degrade reliability.
For a single channel step-down converter, the RMS ripple
current in the input capacitor is
(6)
Power dissipated in the input capacitor is
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com