Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2440AEVB Datasheet(PDF) 26 Page - Semtech Corporation

Part # SC2440AEVB
Description  Dual 30V Step-Down Switching Regulator with 2A Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2440AEVB Datasheet(HTML) 26 Page - Semtech Corporation

Back Button SC2440AEVB Datasheet HTML 20Page - Semtech Corporation SC2440AEVB Datasheet HTML 21Page - Semtech Corporation SC2440AEVB Datasheet HTML 22Page - Semtech Corporation SC2440AEVB Datasheet HTML 23Page - Semtech Corporation SC2440AEVB Datasheet HTML 24Page - Semtech Corporation SC2440AEVB Datasheet HTML 25Page - Semtech Corporation SC2440AEVB Datasheet HTML 26Page - Semtech Corporation SC2440AEVB Datasheet HTML 27Page - Semtech Corporation SC2440AEVB Datasheet HTML 28Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
26
1.1MHz
C15
8.06k
SC2440A
GND
SS2
IN
SW1
FB2
ROSC
COMP2
R7
10.2k
BST1
BST2
SW2
L1
C2
0.1mF
L2
PGOOD2
SS1
PGOOD1
COMP1
FB1
C3
D1
B120
D2
B120
R9
15.4k
OUT1
2.5V/1.8A
10k
R4
R3
10k
R2
R1
15.0k
C7
22nF
C10
22nF
C8
680pF
R5
14.3k
C5
470pF
D4
1N4148
SYNC
L1, L2: Coiltronic LD1
OUT2
1.8V/1.8A
VIN= 5V ± 10%
C4
0.1mF
22mF
4.7mF
C1
22mF
2.2mH
2.2mH
100k
R8
C15: Murata GRM21BR60J475K
100k
R6
C1, C3: Murata GRM21BR60J226M
D3
BAT54
SC2440A
Typical Application Circuits (Continued)
1.2MHz 5V to 2.5V and 1.8V Step-down Converter.
Figure 17.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com