Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2440AEVB Datasheet(PDF) 24 Page - Semtech Corporation

Part # SC2440AEVB
Description  Dual 30V Step-Down Switching Regulator with 2A Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2440AEVB Datasheet(HTML) 24 Page - Semtech Corporation

Back Button SC2440AEVB Datasheet HTML 20Page - Semtech Corporation SC2440AEVB Datasheet HTML 21Page - Semtech Corporation SC2440AEVB Datasheet HTML 22Page - Semtech Corporation SC2440AEVB Datasheet HTML 23Page - Semtech Corporation SC2440AEVB Datasheet HTML 24Page - Semtech Corporation SC2440AEVB Datasheet HTML 25Page - Semtech Corporation SC2440AEVB Datasheet HTML 26Page - Semtech Corporation SC2440AEVB Datasheet HTML 27Page - Semtech Corporation SC2440AEVB Datasheet HTML 28Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
24
SC2440A
Typical Application Circuits (Continued)
(a) Synchronized 600kHz 24V to 5V and 3.3V Dual Step-down Converter.
The free-running frequency of the regulator is set to 580kHz.
(b) Efficiency
(c) Switching Waveforms. V
IN = 24V, IOUT1 = IOUT2 = 1A.
(d) Start-up Waveforms. V
IN = 24V, IOUT1 = IOUT2 = 0.5A.
Figure 15.
400ns/div
V
SYNC
2V/div
V
SW1
10V/div
V
SW2
10V/div
(c)
4ms/div
V
IN
5V/div
V
OUT1
2V/div
V
OUT2
2V/div
(d)
C9
10pF
C6
10pF
1.1M Hz
C16
0.1mF
Free-running frequency = 580kHz (SS313R2 trimmed part, R9 = 37.4k)
C9
22pF
C15
46.4k
SC2440A
G ND
SS2
IN
SW 1
FB2
RO SC
CO M P2
R7
9.53k
BST1
BST2
SW 2
L1
C2
0.1mF
L2
PG O O D2
SS1
PG O O D1
CO M P1
FB1
C3
D1
20BQ 030
D2
20BQ 030
102k
R9
37.4k
O UT1
5V/1.8A
20k
R4
R3
20k
R2
R1
80.6k
C7
22nF
C10
22nF
C8
1.5nF
R5
14.3k
C5
1nF
D4
1N4148
SYNC
L2: W urth 744 777 910
L1: W urth 744 777 9112
O UT2
3.3V/1.8A
D3
1N4148
VIN
20V-28V
C4
0.1mF
22mF
4.7mF
C1
22mF
12mH
10mH
R8
C1, C3: Murata G RM21BR60J106K
C15: Murata G RM31CR71H475K
102k
R6
C6
22pF
600kHz
Updated 9/25/13
(a)
(b)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com