Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2440AEVB Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC2440AEVB
Description  Dual 30V Step-Down Switching Regulator with 2A Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2440AEVB Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC2440AEVB Datasheet HTML 12Page - Semtech Corporation SC2440AEVB Datasheet HTML 13Page - Semtech Corporation SC2440AEVB Datasheet HTML 14Page - Semtech Corporation SC2440AEVB Datasheet HTML 15Page - Semtech Corporation SC2440AEVB Datasheet HTML 16Page - Semtech Corporation SC2440AEVB Datasheet HTML 17Page - Semtech Corporation SC2440AEVB Datasheet HTML 18Page - Semtech Corporation SC2440AEVB Datasheet HTML 19Page - Semtech Corporation SC2440AEVB Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
6
Applications Information (Continued)
SC2440A
Output Capacitor
The output ripple voltage DV
OUT of a buck converter can
be expressed as
(7)
where C
OUT is the output capacitance.
Inductor ripple current DI
L increases as D decreases [Equa-
tion (3)]. The output ripple voltage is therefore the high-
est when V
IN is at its maximum. The first term in (7) results
from the ESR of the output capacitor while the second
term is due to the charging and discharging of C
OUT by
the inductor ripple current. Substituting DI
L = 0.65A, f =
550kHz and C
OUT = 22mF ceramic with ESR = 3mW in (7),
Depending upon operating frequency and the type of
capacitor, ripple voltage resulting from the charging and
discharging of C
OUT may be higher than that due to the
ESR of the output capacitor. A 0mF to 47mF X5R ceramic
capacitor is found adequate for output filtering in most
applications. Ripple current in the output capacitor is not
a concern because the inductor current of a buck convert-
er directly feeds C
OUT, resulting in very low ripple current.
Avoid using Z5U and Y5V ceramic capacitors for output
filtering because these types of capacitors have high tem-
perature and voltage coefficients.
Freewheeling Diode
Use of Schottky barrier diodes as freewheeling rectifiers
reduces diode reverse recovery current spikes, easing
high-side current sensing in the SC2440A. These diodes
should have an average current rating between A and
2A. The reverse blocking voltage of the Schottky diode
should be derated by 0%-20% for reliability. The Schott-
ky diode used in a 2V input step-down converter should
have a reverse voltage rating of at least 6V (20% derat-
ing). For switching regulators operating at low duty cy-
cles (i.e. low output voltage to input voltage conversion
ratios), it is beneficial to use freewheeling diodes with
somewhat higher average current ratings (thus lower for-
ward voltages). This is because the diode conduction in-
Figure 6. Input Voltage Ripple Generated by the DC-
DC Converter in Figure 1.
(a) Channel 1 is delivering 1.8A with Channel
2 shut off. The input ripple voltage ≈105mV.
(b) Channel 2 is delivering 1.8A with Channel
1 shut off. The input ripple voltage ≈ 130mV.
(c) Both Channels are supplying 1.8A to the
loads. Interleaved switching reduces the
input ripple voltage to about 60mV.
(c)
400ns/div
V
IN
200mV/div
AC Coupled
V
SW
5V/div
(b)
V
SW2
5V/div
V
IN
200mV/div
AC Coupled
400ns/div
(a)
400ns/div
V
SW1
5V/div
V
IN
200mV/div
AC Coupled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com