Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2440AEVB Datasheet(PDF) 19 Page - Semtech Corporation

Part # SC2440AEVB
Description  Dual 30V Step-Down Switching Regulator with 2A Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2440AEVB Datasheet(HTML) 19 Page - Semtech Corporation

Back Button SC2440AEVB Datasheet HTML 15Page - Semtech Corporation SC2440AEVB Datasheet HTML 16Page - Semtech Corporation SC2440AEVB Datasheet HTML 17Page - Semtech Corporation SC2440AEVB Datasheet HTML 18Page - Semtech Corporation SC2440AEVB Datasheet HTML 19Page - Semtech Corporation SC2440AEVB Datasheet HTML 20Page - Semtech Corporation SC2440AEVB Datasheet HTML 21Page - Semtech Corporation SC2440AEVB Datasheet HTML 22Page - Semtech Corporation SC2440AEVB Datasheet HTML 23Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
9
Applications Information (Continued)
SC2440A
Figure 8. The Minimum Input Voltage to Start and
to Run Before Dropout. The regulator is
bootstrapped from its output [Figure 7(a)]
with 1N4148. The minimum starting V
IN
decreases when C
SS or dVIN/dt increases.
(a) V
OUT = 5V
(b) V
OUT = 3.3V
(a)
(b)
The minimum C
BST value can be estimated as follows:
(0)
where V
S is the voltage applied to the anode of DBST.
The inductor current charges the bootstrap capacitor
when it pulls the SW node low during the switch off time.
If D
BST is connected to the converter input, then CBST will be
charged as soon as V
IN is applied.
If the bootstrap diode is tied to the converter output [Fig-
ures 7(a), 7(c) and 7(g)], then C
BST can only be charged
from the regulator output through the inductor. Before
the converter starts, there is neither output voltage nor
inductor current. Hence it is necessary for the regulator
to deliver some inductor current to the output before C
BST
can be charged. If V
IN is not much higher than the pro-
grammed V
OUT and it ramps up very slowly, then the in-
ductor current will not be high enough for the bootstrap
circuit to run, especially at light loads. In order to have
some inductor current to charge C
BST, the converter out-
put needs to be loaded or V
IN needs to be increased. Using
a larger soft-start capacitor C
SS will also help the bootstrap
circuit to run because there will be current in the inductor
over a longer period of time. Figures 8(a) and 8(b) show
the minimum input voltage required to start and run be-
fore dropping out as a function of the load current. The
minimum start-up V
IN decreases with higher dVIN/dt or
larger soft-start capacitor C
SS. The lines labeled “dropout”
in these graphs show that once started, the bootstrap cir-
cuit is able to sustain itself down to zero load.
Soft-Start
Each regulating channel of the SC2440A has its own soft-
start circuit. Pulling its soft-start pin below 0.8V with an
open-collector NPN or an open-drain NMOS transistor
turns off the corresponding regulator. The other regula-
tor continues to run. During startup the soft-start capaci-
tors are charged as soon as V
IN exceeds its start threshold
(2.7V). The converter remains off until I
C (see Figure 3)
charges the soft-start capacitor above .3V. One of the
non-inverting inputs of the error amplifier EA is connect-
ed to the output of amplifier A
 (Figure 2). The voltage V
at this non-inverting input rises at twice the soft-start ca-
pacitor charging rate.
If the converter is to start into a constant current load I
OUT
by releasing its SS pin with the input power supply al-
ready applied, then the sum of I
OUT and the COUT charging
current will have to be less than the minimum switch cur-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com