Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2440AEVB Datasheet(PDF) 18 Page - Semtech Corporation

Part # SC2440AEVB
Description  Dual 30V Step-Down Switching Regulator with 2A Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2440AEVB Datasheet(HTML) 18 Page - Semtech Corporation

Back Button SC2440AEVB Datasheet HTML 14Page - Semtech Corporation SC2440AEVB Datasheet HTML 15Page - Semtech Corporation SC2440AEVB Datasheet HTML 16Page - Semtech Corporation SC2440AEVB Datasheet HTML 17Page - Semtech Corporation SC2440AEVB Datasheet HTML 18Page - Semtech Corporation SC2440AEVB Datasheet HTML 19Page - Semtech Corporation SC2440AEVB Datasheet HTML 20Page - Semtech Corporation SC2440AEVB Datasheet HTML 21Page - Semtech Corporation SC2440AEVB Datasheet HTML 22Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
8
Applications Information (Continued)
Figure 7(e)-(g). Bootstrap Configurations for the SC2440A (Continued)
voltage should not exceed its absolute maximum rating
of 42V. To reduce BST voltage stress when stepping down
from high V
IN (>20V) to low VOUT (<2.5V), a Zener diode can
be added in series with D
BST. This is shown in Figure 7(d).
The Zener voltage can be selected using (9):
(9)
Figures 7(e) and (f) show how to bootstrap the SC2440A
from a second independent power supply V
S. In Figure
7(g), the channel  output is used as the bootstrap power
supply for channel 2. DC-DC regulators using this boot-
strap method are shown in Figure 6(a). If channel  is out
of regulation, then channel 2 will be shut off by PGOOD.
Correct operation of channel 2 thus depends on the read-
iness of V
OUT. This may be a drawback.
SC2440A
(g)
SC2440A
BST1
GND
IN
SW1
DBST1
CBST1
VOUT1 > 2.5V
VIN
DFW 1
SW2
BST2
DFW 2
VOUT2
CBST2
DBST2
PGOOD1
SS2
SC2440A
BST
GND
IN
SW
DBST
VOUT
CBST
VIN
VS > 2.5V
DFW
(e)
VS > VIN + 2.5V
SC2440A
BST
GND
IN
SW
DBST
VOUT
VIN
DFW
(f)
that using a Schottky bootstrapping diode when V
OUT >
2.5V produces no noticeable efficiency benefit.
If V
IN(MAX) + VOUT > 42V, then a Zener diode DZ can be used in
series with D
BST to lower the BST voltage [Figure 7(c)]. The
following inequality gives a suitable range for the Zener
diode voltage V
Z:
(8)
The SC2440A can also be bootstrapped from the input
[Figure 7(b)]. This configuration is not as efficient as Figure
7(a). However this may be the only option if the output
voltage is less than 2.5V and there is no other available
supply with voltage higher than 2.5V. Voltage stress at the
BST pin can be somewhat higher than 2V
IN. The BST pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com