Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS32101 Datasheet(PDF) 4 Page - Semtech Corporation

Part # TS32101
Description  High Efficiency DC/DC Boost Converter for USB, 2Mhz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS32101 Datasheet(HTML) 4 Page - Semtech Corporation

  TS32101 Datasheet HTML 1Page - Semtech Corporation TS32101 Datasheet HTML 2Page - Semtech Corporation TS32101 Datasheet HTML 3Page - Semtech Corporation TS32101 Datasheet HTML 4Page - Semtech Corporation TS32101 Datasheet HTML 5Page - Semtech Corporation TS32101 Datasheet HTML 6Page - Semtech Corporation TS32101 Datasheet HTML 7Page - Semtech Corporation TS32101 Datasheet HTML 8Page - Semtech Corporation TS32101 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TS32101
Final Datasheet
Rev 2.1
January 26, 2016
www.semtech.com
4 of 12
Semtech
Absolute Maximum Ratings
Overoperatingfree–airtemperaturerangeunlessotherwisenoted(1,2)
Parameter
Value
Unit
VIN
-0.3to6.0
V
EN,PG,FB
-0.3to5.5
V
VSW
-1to6.0
V
VOUT,ISEN
-0.3to6.0
V
Continuoustotalpowerdissipation
SeeDissipationRatingTable
ElectrostaticDischarge–HumanBodyModel
±2k
V
ElectrostaticDischarge–ChargedDeviceModel
+/-500
V
LeadTemperature(soldering,10seconds)
260
°C
Notes:
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating con-
ditions” is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2) All voltage values are with respect to network ground terminal.
Thermal Characteristics
Symbol
Parameter
Value
Units
θ
JA
ThermalResistanceJunctiontoAir(Note1)
50
°C/W
T
STG
StorageTemperatureRange
-65to150
°C
T
J
OperatingAmbientTemperatureRange
-40to85
°C
T
JMAX
MaximumJunctionTemperature
150
°C
T
J
OperatingJunctionTemperatureRange
-40to125
°C
Note 1: Assumes TQFN-16 in 1 in2 area of 2 oz copper and 25C ambient temperature.
Recommended Operating Conditions
Symbol
Parameter
Min
Typ
Max
Unit
VIN
InputOperatingVoltage
1.8
2.4
5.5
V
L
OUT
OutputFilterInductorTypicalValue(Note1)
1.0
uH
C
OUT
OutputFilterCapacitorTypicalValue(Note2)
33
47
100
uF
C
OUT2
VOUT2FilterCapacitorTypicalValue(Note2)
0.1
1
uF
C
BYPASS
InputSupplyBypassCapacitorTypicalValue(Note3)
8
10
uF
R
TOP
FeedbackDividerResistorTypicalValue(Note4)
1000
kΩ
R
BOT
FeedbackDividerResistorTypicalValue(Note4)
330
kΩ
Note 1: For best performance, an inductor with a saturation current rating higher than the maximum input current requirement plus the
inductor current ripple. See Inductor Selection section to determine input current and ripple current.
Note 2: For best performance, a low ESR ceramic capacitor should be used.
Note 3: For best performance, a low ESR ceramic capacitor should be used. If CBYPASS is not a low ESR ceramic capacitor, a 0.1uF ceramic
capacitor should be added in parallel to CBYPASS.
Note 4: Values shown for 5V output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com