Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS32101 Datasheet(PDF) 1 Page - Semtech Corporation

Part # TS32101
Description  High Efficiency DC/DC Boost Converter for USB, 2Mhz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS32101 Datasheet(HTML) 1 Page - Semtech Corporation

  TS32101 Datasheet HTML 1Page - Semtech Corporation TS32101 Datasheet HTML 2Page - Semtech Corporation TS32101 Datasheet HTML 3Page - Semtech Corporation TS32101 Datasheet HTML 4Page - Semtech Corporation TS32101 Datasheet HTML 5Page - Semtech Corporation TS32101 Datasheet HTML 6Page - Semtech Corporation TS32101 Datasheet HTML 7Page - Semtech Corporation TS32101 Datasheet HTML 8Page - Semtech Corporation TS32101 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TS32101
Final Datasheet
Rev 2.1
January 26, 2016
www.semtech.com
1 of 12
Semtech
GND
EN
ISEN
PG
PGND
COUT
LOUT
VIN
RPULLUP
(optional)
VDD
CIN
VSW
VOUT2
1 uH
2 x 22 uF
FB
TS32101
CFF
RTOP
RBOT
RSENSE
VOUT
COUT2
TS32101
TRIUNE PRODUCTS
High Efficiency DC/DC
Boost Converter for USB, 2Mhz
Features
•
Outputupto1.5Aat5.0Vwith1.8Vinput
•
Wideinputvoltagerange:1.75V–5.5V
•
Outputcurrentupto2A
•
Robustoperationduringhot-loaddisconnectandhot-
loaddisable
•
Adjustableoutputvoltageupto5.5V
•
Adjustableoutputcurrentlimit
•
Includesfulloutputisolation/reversecurrentblocking
whendisabled
•
2MHz±10%fixedswitchingfrequency
•
Lowpowermode
•
Highefficiency–upto95%
•
Fullprotectionforover-current,over-temperature,VOUT
over-voltage,andVINunder-voltage
•
Powergood/faultindication
Summary Specifications
•
Ambientoperatingtemperature-40Cto85C
•
Packagedina16pinQFN(3x3)
Description
TheTS32101isaDC/DCsynchronousswitchingBoost
Converterwithfullyintegratedpowerswitches,internalPWM
currentmodecompensation,andfullfaultprotection.The
switchingfrequencyof2MHzwaschosentoenabletheuse
ofsmallexternalcomponentsforportableapplications.The
devicealsohasaconstantoutputcurrentlimitlooptoprovide
asharpoutputcurrentlimitthatdoesn’tmovesignificantly
withinputvoltageandoutputvoltage.
Applications
•
USBpower
•
Portableproducts
•
Wirelessremotesensors
•
Emergencychargers
Typical Application Circuit


Similar Part No. - TS32101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS32101 ETC2-TS32101 Datasheet
987Kb / 12P
High Efficiency DC/DC Boost Converter for USB, 2Mhz
More results

Similar Description - TS32101

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE701C ACE-ACE701C Datasheet
465Kb / 10P
High Efficiency Low Noise PFM Boost DC/DC Converter
VER 1.3
logo
List of Unclassifed Man...
TS32101 ETC2-TS32101 Datasheet
987Kb / 12P
High Efficiency DC/DC Boost Converter for USB, 2Mhz
logo
STMicroelectronics
STEVAL-ILL003V2 STMICROELECTRONICS-STEVAL-ILL003V2 Datasheet
100Kb / 4P
DC-DC converter for high efficiency
28-Nov-2007
logo
Lowpower Semiconductor ...
LP6226 POWER-LP6226 Datasheet
935Kb / 7P
High Efficiency Boost DC/DC Convertor
logo
Diodes Incorporated
AP72200 DIODES-AP72200 Datasheet
1Mb / 30P
HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK-BOOST CONVERTER
Rev erse
logo
SHOUDING Shouding Semic...
SD6304 SHOUDING-SD6304 Datasheet
2Mb / 12P
High efficiency synchronous boost DC-DC converter
logo
QX Micro Devices Co.,Lt...
QX2304 QXMD-QX2304 Datasheet
240Kb / 2P
High-efficiency PFM synchronous boost DC-DC converter
logo
Lowpower Semiconductor ...
LP6222 POWER-LP6222 Datasheet
651Kb / 9P
High Efficiency Boost DC/DC Convertor
LP6239 POWER-LP6239 Datasheet
311Kb / 6P
High Efficiency Boost DC/DC Controller
logo
Shenzhen Huazhimei Semi...
HM6384 HMSEMI-HM6384 Datasheet
818Kb / 7P
high efficiency PFM synchronous boost DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com