Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS32101 Datasheet(PDF) 6 Page - Semtech Corporation

Part # TS32101
Description  High Efficiency DC/DC Boost Converter for USB, 2Mhz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS32101 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button TS32101 Datasheet HTML 2Page - Semtech Corporation TS32101 Datasheet HTML 3Page - Semtech Corporation TS32101 Datasheet HTML 4Page - Semtech Corporation TS32101 Datasheet HTML 5Page - Semtech Corporation TS32101 Datasheet HTML 6Page - Semtech Corporation TS32101 Datasheet HTML 7Page - Semtech Corporation TS32101 Datasheet HTML 8Page - Semtech Corporation TS32101 Datasheet HTML 9Page - Semtech Corporation TS32101 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TS32101
Final Datasheet
Rev 2.1
January 26, 2016
www.semtech.com
6 of 12
Semtech
Boost Converter Characteristics
ElectricalCharacteristics,T
A=-40Cto85C,VIN=2.4V,VOUT=5.0V(unlessotherwisenoted)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Boost Regulator: L=1.0uH and C=44uF
V
OUT
OutputVoltage
3.0
5.5
V
V
FB
FeedbackVoltage
1.175
1.2
1.225
V
R
DSON
HighSideSwitchOnResistance
I
SW=-1A,TJ=25C
120
mΩ
LowSideSwitchOnResistance
I
SW=-1A,TJ=25C
50
mΩ
I
OCD
OverCurrentDetect
LSswitchcurrent
3
A
V
ISEN
OutputCurrentThresholdVoltage
23
mV
V
OUT-OV
VOUTOverVoltageThreshold
101
102
103
%V
OUT
DUTY
MAX
MaxDutyCycle
85
%
Functional Description
TheTS32101isafully-integrated,low-voltagesynchronous
boostconverterICbasedonahighly-efficientswitching
topology.ItisoptimizedtobepoweredfromNiMHorLi-
Ionbatteriesandincludesfeaturestomakeitsuitablefor
poweringportableequipmentasanemergencypower/
chargingsource.A2MHzinternalswitchingfrequencyyieldsa
goodbalancebetweenefficiencyandtheabilitytousesmall,
low-costLCfiltercomponents.
Internal Protection Details
Internal Current Limit
Thecurrentthroughthelowsideswitchissensedonacycleby
cyclebasisandifcurrentlimitisreached,itwillabbreviatethe
cycle.Currentlimitisalwaysactivewhentheboostconverter
isenabled.
Adjustable Output Current Limit
TheTS32101hasanadjustableoutputcurrentlimitthat
isimplementedbysensingthevoltageacrossanexternal
resistorplacedinserieswiththeoutput.Thevoltageacross
thisresistoriscontinuouslymonitoredwithnooutputcurrent
limitoccurringuntiltheoutputcurrentislargeenoughto
produceavoltagedropof23mVacrossthesenseresistor.If
thevoltagedropacrossthesenseresistorreaches23mVthe
TS32101willreducethedutycycletolimittheoutputcurrent
andresultinaconstantoutputcurrentlimit.Thisfeaturecan
bedisabledbyconnectingtheISENtoVOUTandremovalof
thesenseresistor.
Adjustable Output Voltage
TheTS32101hasanadjustableoutputvoltageselectedbyan
externalresistordividerinthefeedbackloop.Tochangethe
outputvoltage,replaceresistorsRTOPandRBOTwithvalues
fromthefollowingequation:
VOUT=1.2*(1+R
TOP/RBOT)
Power Good
ThePGsignalprovidestheabilitytomonitorfaultconditions
andpowersupplysequencing.ThePGoutputisvalidhigh
whentheTS32101isenabled,theinputvoltageisabovethe
VINunder-voltagethreshold,theoutputvoltageisabove
90%ofthedesiredvalue,andthedeviceisnotinthermal
shutdown.
ThePGoutputcanbeutilizedforpowersupplysequencing.
Whenthedeviceisoperatingnormallyandtheoutputvoltage
isabove90%ofthedesiredvalue,thePGoutputwillbehigh.
A100usdeglitchtimerisusedtoinsurethatthePGsignaldoes
notrespondtonoiseortransients.
Thermal Shutdown
Ifthetemperatureofthedieexceeds150C(typical),theVSW
outputswilltri-statetoprotectthedevicefromdamage.The
PGandallotherprotectioncircuitrywillstayactivetoinform
thesystemofthefailuremode.Oncethedevicecoolsto
140C(typical),thedevicewillattempttostartupagain.If
thedevicereaches150C,theshutdown/restartsequencewill
repeat.ThePGoutputwillbepulledlowinthiscondition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com