Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS32101 Datasheet(PDF) 10 Page - Semtech Corporation

Part # TS32101
Description  High Efficiency DC/DC Boost Converter for USB, 2Mhz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS32101 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button TS32101 Datasheet HTML 4Page - Semtech Corporation TS32101 Datasheet HTML 5Page - Semtech Corporation TS32101 Datasheet HTML 6Page - Semtech Corporation TS32101 Datasheet HTML 7Page - Semtech Corporation TS32101 Datasheet HTML 8Page - Semtech Corporation TS32101 Datasheet HTML 9Page - Semtech Corporation TS32101 Datasheet HTML 10Page - Semtech Corporation TS32101 Datasheet HTML 11Page - Semtech Corporation TS32101 Datasheet HTML 12Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
TS32101
Final Datasheet
Rev 2.1
January 26, 2016
www.semtech.com
10 of 12
Semtech
Functional Description (continued)
Packaging Information
Pb-Free (RoHS):TheTS32101devicesarefullycompliantforallmaterialscoveredbyEuropeanUnionDirective2002/95/EC,and
meetallIPC-1752Level3materialsdeclarationrequirements.
MSL, Peak Temp:TheTS32101familyhasaMoistureSensitivityLevel(MSL)1ratingperJEDECJ-STD-020D.Thesedevicesalso
haveaPeakProfileSolderTemperature(Tp)of260°C.
Ordering Information
TS32101-QFNR
Application Using A Multi-Layer PCB
Tomaximizetheefficiencyofthispackageforapplicationonasinglelayerormulti-layerPCB,certainguidelinesmustbefollowed
whenlayingoutthispartonthePCB.
The following are guidelines for mounting the exposed pad IC on a Multi-Layer PCB with ground a plane.
Package Thermal Pad
Solder Pad (Land Pattern)
Thermal Via's
Package Outline
Package and PCB Land Configuration
For a Multi-Layer PCB
JEDEC standard FR4 PCB Cross-section:
(square)
Package Solder Pad
Package Solder Pad
(bottom trace)
Thermal Via
Component Traces
Thermal Isolation
Power plane only
1.5748mm
0.0 - 0.071 mm Board Base
& Bottom Pad
0.5246 - 0.5606 mm
Power Plane
(1oz Cu)
1.0142 - 1.0502 mm
Ground Plane
(1oz Cu)
1.5038 - 1.5748 mm
Component Trace
(2oz Cu)
2 Plane
4 Plane
Multi-Layer Board (Cross-sectional View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com