Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS32101 Datasheet(PDF) 5 Page - Semtech Corporation

Part # TS32101
Description  High Efficiency DC/DC Boost Converter for USB, 2Mhz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS32101 Datasheet(HTML) 5 Page - Semtech Corporation

  TS32101 Datasheet HTML 1Page - Semtech Corporation TS32101 Datasheet HTML 2Page - Semtech Corporation TS32101 Datasheet HTML 3Page - Semtech Corporation TS32101 Datasheet HTML 4Page - Semtech Corporation TS32101 Datasheet HTML 5Page - Semtech Corporation TS32101 Datasheet HTML 6Page - Semtech Corporation TS32101 Datasheet HTML 7Page - Semtech Corporation TS32101 Datasheet HTML 8Page - Semtech Corporation TS32101 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TS32101
Final Datasheet
Rev 2.1
January 26, 2016
www.semtech.com
5 of 12
Semtech
Characteristics
ElectricalCharacteristics,T
A=-40Cto85C,VIN=2.4V(unlessotherwisenoted)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VIN Supply Voltage
VIN
VoltageInput
1.75
5.5
V
I
IN-STBY
Quiescentcurrent
StandbyMode
EN=Low,VOUT=0V
5
10
uA
I
IN-LPM
OperatingLowPowerMode
InputCurrent
Iout=0uA
50
uA
VOUT Supply Current
I
OUT
Quiescentcurrent
NormalMode(Note1)
EN=High,Switching
3
mA
EN=High,Non-switching
500
uA
I
OUT-STBY
Quiescentcurrent,stby
EN=Low,Vout=5V
25
uA
I
OUT
Outputcurrent
EN=High,V
IN>0.7*Vout
2
A
VIN Under Voltage Lockout (UVLO)
V
IN_UV
VINUnderVoltageDetectThreshold
IncreasingVin
1.5
V
V
IN-UV_HYST
VINUnderVoltageDetectHysteresis
150
mV
OSC
f
OSC
OscillatorFrequency
1.8
2
2.2
MHz
PG Open Drain Output
V
PG_THRESH
PowerGoodVoltageDetectThreshold
VoutIncreasing
90
%V
OUT
V
PG_HYST
PowerGoodVoltageDetectHysteresis
1
%V
OUT
I
OH-PG
High-LevelOutputLeakage
V
PG=5.0V
0.1
uA
V
OL-PG
Low-LevelOutputVoltage
I
PG=-1mA
0.4
V
EN Input
V
IH
HighLevelInputVoltage
1.5
V
V
IL
LowLevelInputVoltage
0.6
V
V
HYST
InputHysteresis
150
mV
I
IN-EN
InputLeakage
V
EN=VIN
0.1
uA
V
EN=0V
0.1
uA
Thermal Shutdown
TSD
ThermalShutdownJunction
Temperature
150
170
C
TSD
HYST
TSDHysteresis
10
C
Note 1: large percentage of supply current due to power FET gate switching losses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com