Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS32101 Datasheet(PDF) 9 Page - Semtech Corporation

Part # TS32101
Description  High Efficiency DC/DC Boost Converter for USB, 2Mhz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS32101 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button TS32101 Datasheet HTML 4Page - Semtech Corporation TS32101 Datasheet HTML 5Page - Semtech Corporation TS32101 Datasheet HTML 6Page - Semtech Corporation TS32101 Datasheet HTML 7Page - Semtech Corporation TS32101 Datasheet HTML 8Page - Semtech Corporation TS32101 Datasheet HTML 9Page - Semtech Corporation TS32101 Datasheet HTML 10Page - Semtech Corporation TS32101 Datasheet HTML 11Page - Semtech Corporation TS32101 Datasheet HTML 12Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
TS32101
Final Datasheet
Rev 2.1
January 26, 2016
www.semtech.com
9 of 12
Semtech
Recommended PCB Land Pattern
DIMENSIONSINMILLIMETERS
Units
MILLIMETERS
DimensionLimits
MIN
NOM
MAX
ContactPitch
E
0.50BSC
OptionalCenterPadWidth
W2
-
-
1.70
OptionalCenterPadLength
T2
-
-
1.70
ContactPadSpacing
C1
-
3.00
-
ContactPadSpacing
C2
-
3.00
-
ContactPadWidth(X16)
X1
-
-
0.35
ContactPadLength(X16)
Y1
-
-
0.65
DistanceBetweenPads
G
0.15
-
-
Notes:
Dimensions and tolerances per ASME Y14.5M.
BSC: Basic Dimension. Theoretically exact values shown without tolerances.
REF: Reference Dimension, usually without tolerance, for information only.
10
Specifications subject to change
WWW.TRIUNESYSTEMS.COM
Copyright
© 2012, Triune Systems, LLC
TS32101
Version 2.0
RECOMMEDED PCB LAND PATTERN
DIMENSIONS IN MILLIMETERS 
Units 
MILLIMETERS 
Dimension Limits 
MIN 
NOM 
MAX 
Contact Pitch 
E 
0.50 BSC 
Optional Center Pad Width 
W2 
-­‐ 
-­‐ 
1.70 
Optional Center Pad Length 
T2 
-­‐ 
-­‐ 
1.70 
Contact Pad Spacing 
C1 
-­‐ 
3.00 
-­‐ 
Contact Pad Spacing 
C2 
-­‐ 
3.00 
-­‐ 
Contact Pad Width (X16) 
X1 
-­‐ 
-­‐ 
0.35 
Contact Pad Length (X16) 
Y1 
-­‐ 
-­‐ 
0.65 
Distance Between Pads 
G 
0.15 
-­‐ 
-­‐ 
 
Notes: 
Dimensions and tolerances per ASME Y14.5M. 
BSC: Basic Dimension. Theoretically exact values shown without tolerances. 
REF: Reference Dimension, usually without tolerance, for information only. 
PACAKGING INFORMATION
 
Pb-Free (RoHS): The TS30011/12/13 devices are fully compliant for all materials covered by European Union Directive 2002/95/EC, and meet all IPC-
1752 Level 3 materials declaration requirements.
MSL, Peak Temp: The TS30011/12/13 family has a Moisture Sensitivity Level (MSL) 1 rating per JEDEC J-STD-020D. These devices also have a Peak
Profile Solder Temperature (Tp) of 260°C.
RECOMMENDED
LAND PATTERN
Silk Sc re e n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com