Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ76PL536APAPT Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPT
Description  Cell Lithium-Ion Battery Monitor and Secondary Protection IC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPT Datasheet(HTML) 19 Page - Texas Instruments

Back Button BQ76PL536APAPT Datasheet HTML 15Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 16Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 17Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 18Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 19Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 20Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 21Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 22Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 74 page
background image
47 nF
RTH
RT
RB
REG50
TS+
TS–
R
B
TH@40C
TH@90C
= 0.4 (R
– R
)
RT = RTH@ 40C – 2RTH @90C – RB
bq76PL536A
www.ti.com
SLUSAD3B – JUNE 2011 – REVISED JANUARY 2016
Feature Description (continued)
7.3.1.5 Temperature Measurement
The bq76PL536A can measure the voltage TS1+, TS1– and TS2+, TS2– differential inputs using the ADC. An
external thermistor or resistor divider network typically drives these inputs. The TSn inputs use the REG50 output
divided down and internally connected as the ADC reference during conversions. This produces a ratiometric
result and eliminates the need for compensation or correction of the REG50 voltage drift when used to drive the
temperature sensors. The REG50 reference allows an approximate 2.5-V full-scale input at the TSn inputs. The
final reading is limited between 0 and 16383, corresponding to an external ratio of 0 to 0.5.
Two control bits are required for the ADC to convert the TSn input voltages successfully. ADC_CONTROL[TSn]
is set to cause the ADC to convert the TSn channel on the next requested conversion cycle. IO_CONTROL[TSn]
is set to cause the FET switch connecting the TSn– input to VSS to close, completing the circuit of the voltage
divider. The IO_CONTROL bits should only be set as needed to conserve power; at high temperatures,
thermistor excitation current may be relatively high.
7.3.1.5.1
External Temperature Sensor Support (TS1+, TS1–, TS2+, and TS2–)
The device is intended for use with a nominal 10 k
Ω at 25ºC NTC external thermistor (AT103 equivalent) such as
the Panasonic ERT-J1VG103FA, a 1% device. A suitable external resistor-capacitor network should be
connected to position the response of the thermistor within the range of interest. This is typically RT= 1.47 kΩ
and RB = 1.82 kΩ (1%) as shown in Figure 14. A parallel bypass capacitor in the range 1 nF to 47 nF placed
across the thermistor should be added to reduce noise coupled into the measurement system. The response
time delay created by this network should be considered when enabling the respective TS input prior to
conversion and setting the OT delay timer. See Figure 14 for details.
Figure 14. Thermistor Connection
7.3.1.5.2
Converting TSn Result to Voltage (Ratio)
To convert the returned TSn measurement value to a ratio, RTS = VTS:REG50, the following formulas are used.
The setting FUNCTION_CONFIG = 0100 xxxxb is assumed. Note that the offset and gain correction are slightly
different for each channel.
ADC behavior: COUNT = (VTSn / REG50 × scalar) – OFFSET
(4)
TS1: RTS1 = ((TEMPERATURE1_H × 256 + TEMPERATURE1_L) + 2) / 33,046
(5)
Example:
The voltage connected to the TS1 inputs (TS1+ – TS1–) == 0.661 V; VREG50 ≈ 5 V nominal
After conversion, REGMSB == 0x11; REGLSB == 0x16
ACTUAL_COUNT = 0x11 × 0x100 + 0x16 = 0x1116 (4374.)
(4374 + 2) / 33,046 = 0.1324 (ratio of TSn inputs to REG50)
0.1324 × REG50 = 0.662 V
Copyright © 2011–2016, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com