Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ76PL536APAPT Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPT
Description  Cell Lithium-Ion Battery Monitor and Secondary Protection IC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPT Datasheet(HTML) 52 Page - Texas Instruments

Back Button BQ76PL536APAPT Datasheet HTML 48Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 49Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 50Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 51Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 52Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 53Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 54Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 55Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 74 page
background image
bq76PL536A
SLUSAD3B – JUNE 2011 – REVISED JANUARY 2016
www.ti.com
7.6.27 CONFIG_COVT Register (0x43)
The CONFIG_COVT register determines cell overvoltage detection delay time.
Figure 50. CONFIG_COVT Register
7
6
5
4
3
2
1
0
µs/ms
Reserved
COVD[4]
COVD[3]
COVD[2]
COVD[1]
COVD[0]
Table 23. CONFIG_COVT Register Field Descriptions
Bit
Field
Type
Reset
Description
7
µs/ms
Determines the units of the delay time, microseconds or
milliseconds
0 = Microseconds
1 = Milliseconds
6-5
Reserved
4-0
COVD[n]
0x01 = 100; each binary increment adds 100 until 0x1f = 3100
Note: When this register is programmed to 0x00, the delay
becomes 0s AND the COV state is NOT latched in the
COV_FAULT register. In this operating mode, the overvoltage
state for a cell is virtually instantaneous in the COV_FAULT
register. This mode may cause system firmware to miss a
dangerous cell overvoltage condition.
7.6.28 CONFIG_UV Register (0x44)
The CUV register determines cell under voltage threshold voltage.
Figure 51. CONFIG_UV Register
7
6
5
4
3
2
1
0
DISABLE
Reserved
CUV[4]
CUV[3]
CUV[2]
CUV[1]
CUV[0]
Table 24. CONFIG_UV Register Field Descriptions
Bit
Field
Type
Reset
Description
7
DISABLE
Disables the undervoltage function when set
0 = Undervoltage function enabled
1 = Undervoltage function disabled
6-5
Reserved
4-0
COVD[n]
Configuration bits with corresponding voltage threshold
0x00 = 0.7 V; each binary increment adds 100 mV until 0x1a =
3.3 V
7.6.29 CONFIG_CUVT Register (0x45)
The CONFIG_CUVT register determines cell undervoltage detection delay time.
Figure 52. CONFIG_CUVT Register
7
6
5
4
3
2
1
0
µs/ms
Reserved
CUVD[4]
CUVD[3]
CUVD[2]
CUVD[1]
CUVD[0]
52
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Product Folder Links: bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com