Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ76PL536APAPT Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPT
Description  Cell Lithium-Ion Battery Monitor and Secondary Protection IC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPT Datasheet(HTML) 22 Page - Texas Instruments

Back Button BQ76PL536APAPT Datasheet HTML 18Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 19Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 20Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 21Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 22Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 23Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 24Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 25Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 74 page
background image
bq76PL536A
SLUSAD3B – JUNE 2011 – REVISED JANUARY 2016
www.ti.com
7.3.1.8 Secondary Protection
The bq76PL536A integrates dedicated overvoltage and undervoltage fault detection for each cell and two
overtemperature fault detection inputs for each device. The protection circuits use a separate band-gap reference
from the ADC system and operate independently. The protector also uses separate I/O pins from the main
communications bus, and therefore is capable of signaling faults in hardware without intervention from the host
CPU.
7.3.1.8.1
Protector Functionality
When a fault state is detected, the respective fault flag in the FAULT_STATUS or ALERT_STATUS registers is
set. All flags in the FAULT and ALERT registers are then ORed into the DEVICE_STATUS FAULT and ALERT
bits. The FAULT and ALERT bits in DEVICE_STATUS in turn cause the hardware FAULT_S or ALERT_S pin to
be set. The bits in DEVICE_STATUS and the hardware pins are latched until reset by the host via SPI command,
ensuring that the host CPU does not miss an event.
A separate timer is provided for each fault source (cell overvoltage, cell undervoltage, overtemperature) to
prevent false alarms. Each timer is programmable from 100 µs to more than 3 s. The timers may also be
disabled, which causes fault conditions to be sensed immediately and not latched.
The clearing of the FAULT or ALERT flag (and pin) occurs when the respective flag is written to a 1, which also
restarts the respective fault timer. This also clears the FAULT_S (_H) or ALERT_S (_H) pin. If the actual fault
remains present, the FAULT (ALERT) pin is again asserted at the expiration of the timer. This cycle repeats until
the cause of the fault is removed.
On exit from the SLEEP state, the COV, CUV, and OT fault comparators are disabled for approximately 200 µs
to allow internal circuitry to stabilize and prevent false error condition detection.
7.3.1.8.1.1
Using the Protector Functions With 3-5 Cells
The OV/UV condition can be ignored for unused channels by setting the FUNCTION_CONFIG[CNx] bits to the
maximum number of cells connected to the device. If fewer than 6 cells are configured, the corresponding OV/UV
faults are ignored. For example, if the FUNCTION_CONFIG bits are set to xxxx 1000, then the OV/UV
comparators are disabled for cells 5 and 6. Correct setting of this register prevents spurious false alarms.
22
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Product Folder Links: bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com