Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ76PL536APAPT Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPT
Description  Cell Lithium-Ion Battery Monitor and Secondary Protection IC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPT Datasheet(HTML) 38 Page - Texas Instruments

Back Button BQ76PL536APAPT Datasheet HTML 34Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 35Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 36Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 37Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 38Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 39Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 40Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 41Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 74 page
background image
PROTECTED
REGISTER
EPROM
ERRORCHECK /
CORRECT (ECC) LOGIC
7
LOAD
PROGRAM
7
PARITY
ECC_COR
ECC_ERR
REFRESH
POR
REFRESH-PROTECT KEY
VOLTAGE &
TIMINGCONTROL
PGM-PROTECT KEY
WRITE-PROTECTKEY
WRITE
LOADsignalevaluates
ECCsyndromebits
KEY requiressequenced
writetounlockfunction
6
6
5
5
4
4
3
3
2
2
1
1
0
0
P
PARITY LOGIC
CHECKBITS
INTERNAL DATA BUS
SYNDROMECHECKER / GENERATOR
Cn+1...
Cn
C0
REGISTERCONTROL & STATUSBITS
STATUSFLAGS
Nodirectaccesstothisregister.
1 biterror
2+ biterrors
CRCCHECKLOGIC
SPIDE-SERIALIZER
bq76PL536A
SLUSAD3B – JUNE 2011 – REVISED JANUARY 2016
www.ti.com
Register Maps (continued)
These registers are protected further against corruption by a ninth parity bit that is automatically updated when
the register is written using even parity. If the contents of the register ever become corrupted, the bad parity
causes the ALERT_STATUS[PARITY] bit to become set, alerting the host CPU of the problem.
The EPROM-stored constants are programmed by writing the values to the register(s), then applying the
programming voltage to the LDODx pins, then issuing the EPROM_WRITE command to register E_EN. All
Group3 registers are programmed simultaneously, and this operation can only be performed once to the one-
time-programmable (OTP) memory cells. The process is not reversible.
Figure 25. Protected Register Group3 Architecture, Simplified View
7.6.2.4 Error Checking and Correcting (ECC) EPROM
The EPROM used to initialize this group is also protected by error-check-and-correct (ECC) logic. The ECC bits
provide a highly reliable storage solution in the presence of external disturbances. This feature cannot be
disabled by user action. Implementation is fully self-contained and automatic and requires no special
computations or provisioning by the user.
When the Group3 contents are permanently written to EPROM, an additional array of hidden ECC-OTP cells is
also automatically programmed. The ECC logic implements a Hamming code that automatically corrects all
single-bit errors in the EPROM array, and senses additional multi-bit errors. If any corrections are made, the
DEVICE_STATUS[ECC_COR] flag bit is set. If any multi-bit errors are sensed, the ALERT_STATUS[ECC_ERR]
flag is set. The corrective action or detection is performed anytime the contents of EPROM are loaded into the
registers – POR, RESET, or by REFRESH command. Note: The ECC_COR and ECC_ERR bits may glitch
during OTP-EPROM writes; this is normal. If this occurs, reset the tripped bit; it should remain cleared.
When a double-bit (uncorrectable) error is found, DEVICE_STATUS[ALERT] is set, the ALERT_S (ALERT_H for
bottom stack device) line is activated, and the ALERT_STATUS register returns the ECC_ERR and/or I_FAULT
bit = 1(true). The device may return erroneous measurement data, and/or fail to detect COV, CUV, or OT faults
in this state.
EPROM bits are shipped from the factory set to 0, and must be programmed to the 1 state as required.
38
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Product Folder Links: bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com