Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ76PL536APAPT Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPT
Description  Cell Lithium-Ion Battery Monitor and Secondary Protection IC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPT Datasheet(HTML) 47 Page - Texas Instruments

Back Button BQ76PL536APAPT Datasheet HTML 43Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 44Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 45Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 46Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 47Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 48Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 49Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 50Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 74 page
background image
bq76PL536A
www.ti.com
SLUSAD3B – JUNE 2011 – REVISED JANUARY 2016
7.6.17 CB_TIME Register (0x33)
The CB_TIME register sets the maximum high (active) time for the cell balance outputs from 0 seconds to 63
minutes. When set to 0, no balancing can occur – balancing is effectively disabled.
Figure 40. CB_TIME Register
7
6
5
4
3
2
1
0
CBT[7]
Reserved
CBT[5]
CBT[4]
CBT[3]
CBT[2]
CBT[1]
CBT[0]
Table 16. CB_TIME Register Field Descriptions
Bit
Field
Type
Reset
Description
7
CBT[7]
Controls minutes/seconds counting resolution.
0 = Seconds (default)
1 = Minutes
6
Reserved
5-0
CBT[n]
Sets the time duration as scaled by CBT[7]
7.6.18 ADC_CONVERT Register (0x34)
The CONVERT_CTRL register is used to start conversions.
Figure 41. ADC_CONVERT Register
7
6
5
4
3
2
1
0
Reserved
CONV
Table 17. ADC_CONVERT Register Field Descriptions
Bit
Field
Type
Reset
Description
7-1
Reserved
0
CONV
This bit starts a conversion, using the settings programmed into
the ADC_CONTROL register. It provides a programmatic
method of initiating conversions.
0 = No conversion (default)
1 = Initiate conversion. This bit is automatically reset after
conversion begins, and always returns 0 on READ.
7.6.19 SHDW_CTRL Register (0x3a)
The SHDW_CTRL register controls writing to Group3 protected registers. Default at RESET = 0x00.
The value 0x35 must be written to this register to allow writing to Group3 protected registers in the range
0x40–0x4f. The register always returns 0x00 on read. The register is reset to 0x00 after any successful write,
including a write to non-Group3 registers. A read operation does not reset this register.
Writing the value 0x27 results in all Group3 protected registers being refreshed from OTP programmed values.
The register is reset to 0x00 after the REFRESH is complete.
Figure 42. SHDW_CTRL Register
7
6
5
4
3
2
1
0
SHDW[7]
SHDW[6]
SHDW[5]
SHDW[4]
SHDW[3]
SHDW[2]
SHDW[1]
SHDW[0]
Copyright © 2011–2016, Texas Instruments Incorporated
Submit Documentation Feedback
47
Product Folder Links: bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com