Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ76PL536APAPT Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL536APAPT
Description  Cell Lithium-Ion Battery Monitor and Secondary Protection IC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL536APAPT Datasheet(HTML) 20 Page - Texas Instruments

Back Button BQ76PL536APAPT Datasheet HTML 16Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 17Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 18Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 19Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 20Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 21Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 22Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 23Page - Texas Instruments BQ76PL536APAPT Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 74 page
background image
bq76PL536A
SLUSAD3B – JUNE 2011 – REVISED JANUARY 2016
www.ti.com
Feature Description (continued)
7.3.1.6 ADC Band-Gap Voltage Reference
The ADC and protection subsystems use separate and independent internal voltage references. The ADC band
gap (VREF) is nominally 2.5 V. The reference is temperature-compensated and stable.
The internal reference is brought out to the VREF pin for bypassing. A high quality 10-
μF capacitor should be
connected between the VREF and AGND pins, in very close physical proximity to the device pins, using short
track lengths to minimize the effects of track inductance on signal quality. The AGND pin should be connected to
VSS. Device VSS connections should be brought to a single point close to the IC to minimize layout-induced
errors. The device tab should also be connected to this point, and is a convenient common VSS location. The
internal VREF should not be used externally to the device by user circuits.
7.3.1.7 Conversion Control
7.3.1.7.1
Convert Start
Two methods are available to start a conversion cycle. The CONV_H pin may be asserted, or firmware may set
the CONVERT_CTRL[CONV] bit.
7.3.1.7.1.1
Hardware Start
A single interface pin (CONV_H) is used for conversion-start control by the host. A conversion cycle is started by
a hardware signal when CONV_H is transitioned low-to-high by the host. The host should hold this state until the
conversion cycle is complete to avoid erroneous edges causing a conversion start when the present conversion
is not complete. The signal is simultaneously sent to the higher device in the stack by the assertion of the
CONV_N signal. The bq76PL536A automatically sequences through the series of measurements enabled via the
ADC_CONTROL register after a convert-start signal is received from either the register bit or the hardware pin.
If the CONV_H pin is not used in the design, this pin must be maintained in a default low state (approximately 0
V) to allow use of the ADC_CONVERT[CONV] bit to trigger ADC conversions. If the CONV pin is kept high, the
ADC_CONVERT[CONV] bit does not function, and device current consumption is increased by the signaling
current, approximately 900 µA. If the CONV_H pin is not used by the user’s design, the pin may be left floating;
the internal current sink to VSS maintains proper bias.
7.3.1.7.1.2
Firmware Start
The CONVERT_CTRL[CONV] bit is also used to initiate a conversion by writing a 1 to the bit, which
automatically resets at the end of a conversion cycle. The bit may only be written to 1; the IC always resets the
bit to 0. The BROADCAST form of the packet is recommended to start all device conversions simultaneously.
NOTE
Designer Note: The external CONV_H (CONV_S) pin must be held in the de-asserted (=0)
state to allow the CONV register bit to initiate conversions. An internal pulldown is
provided on the pin to maintain this state.
20
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Product Folder Links: bq76PL536A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com