Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6CDBL401B Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6CDBL401B
Description  4-Output Low Power PCIE GEN1-2-3 Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CDBL401B Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6CDBL401B Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
www.pericom.com
PI6CDBL401B
Rev.C
03/23/16
All trademarks are property of their respective owners.
PI6CDBL401B
Block Diagram
Description
The PI6CDBL401B is a 4-output low power buffer for 100MHz
PCIe Gen1, Gen2 and Gen3 applications with integrated output
terminations providing Zo=100Ω. The device has 4 output en-
ables for clock management, and 3 selectable SMBus addresses.
Features
Î
Î
4x 100MHz low power HCSL or LVDS compatible outputs
Î
Î
PCIe 3.0, 2.0 and 1.0 compliant
Î
Î
Programmable output amplitude and slew rate
Î
Î
Core supply voltage of 3.3V +/-10%
Î
Î
Output supply voltage of 1.8V, 2.5V and 3.3V
Î
Î
Industrial ambient operation temperature
Î
Î
Available in lead-free package: 32-TQFN
4-Output Low Power PCIE GEN1-2-3 Buffer
CONTROL
LOGIC
ZDB PLL
OE(3:0)#
CLK_IN
CLK_IN#
SADR_tri
HIBW_BYPM_LOBW#
CKPWRGD_PD#
SDATA_3.3
SCLK_3.3
CLK(3:0)
4
Applications
Î
Î
PCIe 3.0/2.0/1.0 clock distribution
16-0064


Similar Part No. - PI6CDBL401B

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6CDBL402B PERICOM-PI6CDBL402B Datasheet
934Kb / 13P
4 -Output Low Power PCIE GEN 1-2-3 Buffer
PI6CDBL402BLIE PERICOM-PI6CDBL402BLIE Datasheet
934Kb / 13P
4 -Output Low Power PCIE GEN 1-2-3 Buffer
PI6CDBL402BLIEX PERICOM-PI6CDBL402BLIEX Datasheet
934Kb / 13P
4 -Output Low Power PCIE GEN 1-2-3 Buffer
More results

Similar Description - PI6CDBL401B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FGV0431 IDT-9FGV0431_16 Datasheet
224Kb / 15P
4-OUTPUT VERY LOW POWER PCIE GEN1-2-3 CLOCK GENERATOR
9DBU0531 IDT-9DBU0531_17 Datasheet
213Kb / 17P
5-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
9DBU0731 IDT-9DBU0731 Datasheet
213Kb / 17P
7-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
9DBU0931 IDT-9DBU0931_17 Datasheet
213Kb / 17P
9-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
IDT5V41236 IDT-IDT5V41236 Datasheet
336Kb / 18P
4 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
logo
Renesas Technology Corp
5V41236 RENESAS-5V41236 Datasheet
506Kb / 14P
4 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
SEPTEMBER 18, 2019
6P61043 RENESAS-6P61043 Datasheet
399Kb / 16P
4-OUTPUT SMALL FORM FACTOR PCIE GEN1-2-3 BUFFER
Mar 2020
9DBU0531 RENESAS-9DBU0531 Datasheet
407Kb / 18P
5-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
MARCH 9, 2017
9DBU0931 RENESAS-9DBU0931 Datasheet
407Kb / 18P
9-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
MARCH 9, 2017
logo
Skyworks Solutions Inc.
SI53258 SKYWORKS-SI53258 Datasheet
822Kb / 42P
8/4-Output PCIe Gen1/2/3/4/5 Clock Buffer
Revision A July, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com