Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3533 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # LM3533
Description  Complete Lighting Power Solution for Smartphone Handsets
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3533 Datasheet(HTML) 34 Page - Texas Instruments

Back Button LM3533 Datasheet HTML 30Page - Texas Instruments LM3533 Datasheet HTML 31Page - Texas Instruments LM3533 Datasheet HTML 32Page - Texas Instruments LM3533 Datasheet HTML 33Page - Texas Instruments LM3533 Datasheet HTML 34Page - Texas Instruments LM3533 Datasheet HTML 35Page - Texas Instruments LM3533 Datasheet HTML 36Page - Texas Instruments LM3533 Datasheet HTML 37Page - Texas Instruments LM3533 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 63 page
background image
LM3533
SNOSC68C – APRIL 2012 – REVISED SEPTEMBER 2015
www.ti.com
Register Maps (continued)
Table 1. LM3533 Register Definitions (continued)
Name
Address
Power On Reset
ALS M3 Zone Target 4
0x6E
0xFF
Pattern Generator 1 Delay
0x70
0x00
Pattern Generator 1 Low Time
0x71
0x00
Pattern Generator 1 High Time
0x72
0x00
Pattern Generator 1 Low Level Brightness
0x73
0x00
Pattern Generator 1 Rise Time
0x74
0x00
Pattern Generator 1 Fall Time
0x75
0x00
Pattern Generator 2 Delay
0x80
0x00
Pattern Generator 2 Low Time
0x81
0x00
Pattern Generator 2 High Time
0x82
0x00
Pattern Generator 2 Low Level Brightness
0x83
0x00
Pattern Generator 2 Rise Time
0x84
0x00
Pattern Generator 2 Fall Time
0x85
0x00
Pattern Generator 3 Delay
0x90
0x00
Pattern Generator 3 Low Time
0x91
0x00
Pattern Generator 3 High Time
0x92
0x00
Pattern Generator 3 Low Level Brightness
0x93
0x00
Pattern Generator 3 Rise Time
0x94
0x00
Pattern Generator 3 Fall Time
0x95
0x00
Pattern Generator 4 Delay
0xA0
0x00
Pattern Generator 4 Low Time
0xA1
0x00
Pattern Generator 4 High Time
0xA2
0x00
Pattern Generator 4 Low Level Brightness
0xA3
0x00
Pattern Generator 4 Rise Time
0xA4
0x00
Pattern Generator 4 Fall Time
0xA5
0x00
LED Open Fault Read Back
0xB0
0x00
LED Short Fault Read Back
0xB1
0x00
LED Fault Enables
0xB2
0x00
Table 2. Output Configuration Register 1 (Address 0x10)
Bit [7:6]
Bits [5:4]
Bits [3:2]
Bit [1]
Bit 0
LVLED3 Configuration
LVLED2 Configuration
LVLED1 Configuration
HVLED2 Configuration
HVLED1 Configuration
00 = LVLED3 is
00 = LVLED2 is controlled
00 = LVLED1 is controlled by 0 = HVLED2 is controlled
0 = HVLED1 is
controlled by Control
by Control Bank C
Control Bank C (Default)
by Control Bank A
controlled by Control
Bank C
Bank A (Default)
01 = LVLED3 is
01 = LVLED2 is controlled
01 = LVLED1 is controlled by 1 = HVLED2 is controlled
1 = HVLED1 is
controlled by Control
by Control Bank D
Control Bank D
by Control Bank B
controlled by Control
Bank D
(Default)
(Default)
Bank B
10 = LVLED3 is
10 = LVLED2 is controlled
10 = LVLED1 is controlled by
controlled by Control
by Control Bank E
Control Bank E
Bank E (Default)
11 = LVLED3 is
11 = LVLED2 is controlled
11 = LVLED1 is controlled by
controlled by Control
by Control Bank F
Control Bank F
Bank F
34
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: LM3533



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com