Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3533 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM3533
Description  Complete Lighting Power Solution for Smartphone Handsets
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3533 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3533 Datasheet HTML 9Page - Texas Instruments LM3533 Datasheet HTML 10Page - Texas Instruments LM3533 Datasheet HTML 11Page - Texas Instruments LM3533 Datasheet HTML 12Page - Texas Instruments LM3533 Datasheet HTML 13Page - Texas Instruments LM3533 Datasheet HTML 14Page - Texas Instruments LM3533 Datasheet HTML 15Page - Texas Instruments LM3533 Datasheet HTML 16Page - Texas Instruments LM3533 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 63 page
background image
HVLED1
Outputs
Control
Banks
BANK A
ALS
Engine
ALS
Processing
ALS
Sensor
Input
Environmental
Stimulus
PWM
Filter
PWM
PWM
Input
HVLED2
Pattern 1
Pattern 2
Pattern 3
Usable
Stimulus
LVLED1
Ambient to
Brightness
Mappers
INT
Interrupt
Output
Pattern 4
BANK B
BANK C
BANK D
BANK E
BANK F
(Assigned to Control banks)
LVLED2
LVLED3
LVLED4
LVLED5
ALSM 2
ALSM1
ALSM 3
LM3533
www.ti.com
SNOSC68C – APRIL 2012 – REVISED SEPTEMBER 2015
Feature Description (continued)
Figure 22. Functional Control Diagram
7.4 Device Functional Modes
7.4.1 High-Voltage Boost Converter
The high-voltage boost converter provides power for the two high-voltage current sinks (HVLED1 and HVLED2).
The boost circuit operates using a 4.7-µH to 22-µH inductor and a 1-µF output capacitor. The selectable 500-kHz
or 1-MHz switching frequency allows for the use of small external components and provides for high boost-
converter efficiency. Both HVLED1 and HVLED2 feature an adaptive current regulation scheme where the
feedback point (HVLED1 or HVLED2) is regulated to a minimum of 400 mV. When there are different voltage
requirements in both high-voltage LED strings (string mismatch), the LM3533 regulates the feedback point of the
highest voltage string to 400 mV and drop the excess voltage of the lower voltage string across the lower strings
current sink.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3533



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com