Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3533 Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # LM3533
Description  Complete Lighting Power Solution for Smartphone Handsets
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3533 Datasheet(HTML) 51 Page - Texas Instruments

Back Button LM3533 Datasheet HTML 47Page - Texas Instruments LM3533 Datasheet HTML 48Page - Texas Instruments LM3533 Datasheet HTML 49Page - Texas Instruments LM3533 Datasheet HTML 50Page - Texas Instruments LM3533 Datasheet HTML 51Page - Texas Instruments LM3533 Datasheet HTML 52Page - Texas Instruments LM3533 Datasheet HTML 53Page - Texas Instruments LM3533 Datasheet HTML 54Page - Texas Instruments LM3533 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 63 page
background image
0.0
12.0
24.0
36.0
48.0
60.0
ILED (mA)
90.0
87.0
84.0
81.0
78.0
75.0
72.0
69.0
66.0
63.0
60.0
0
12
24
36
48
60
ILED (mA)
90.0
88.0
86.0
84.0
82.0
80.0
78.0
76.0
74.0
72.0
70.0
0.0
12.0
24.0
36.0
48.0
60.0
ILED (mA)
90.0
87.0
84.0
81.0
78.0
75.0
72.0
69.0
66.0
63.0
60.0
LM3533
www.ti.com
SNOSC68C – APRIL 2012 – REVISED SEPTEMBER 2015
VIN = 3.6 V, LEDs are WLEDs part number SML-312WBCW(A), typical application circuit with L = TDK (VLF302512, 4.7 µH,
10 µH, 22 µH where specified), Schottky = On-Semi (NSR0240V2T1G), TA = 25°C, unless otherwise specified. Efficiency is
given as VOUT × (IHVLED1 + IHVLED2)/(VIN × IIN); matching curves are given as (ΔILED_MAX/ILED_AVE).
L = 10 µH
VIN = 3.6 V
ƒSW = 1 MHz
L = 10 µH
VIN = 3.6 V
ƒSW = 500 kHz
Top To Bottom: 2×4, 2×5, 2×6, 2×7, 2×8, 2×9, 2×10 (LEDs)
Top To Bottom: 2×4, 2×5, 2×6, 2×7, 2×8, 2×9, 2×10 (LEDs)
Figure 51. Efficiency vs ILED
Figure 50. Efficiency vs ILED
L = 4.7 µH
VIN = 3.6 V
ƒSW = 1 MHz
Top To Bottom: 2×4, 2×5, 2×6, 2×7, 2×8, 2×9, 2×10 (LEDs)
Figure 52. Efficiency vs ILED
9 Power Supply Recommendations
The LM3532 is designed to operate from an input supply range of 2.7 V to 5.5 V. This input supply must be well-
regulated and provide the peak current required by the LED configuration and inductor selected.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
51
Product Folder Links: LM3533



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com