Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3533 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # LM3533
Description  Complete Lighting Power Solution for Smartphone Handsets
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3533 Datasheet(HTML) 39 Page - Texas Instruments

Back Button LM3533 Datasheet HTML 35Page - Texas Instruments LM3533 Datasheet HTML 36Page - Texas Instruments LM3533 Datasheet HTML 37Page - Texas Instruments LM3533 Datasheet HTML 38Page - Texas Instruments LM3533 Datasheet HTML 39Page - Texas Instruments LM3533 Datasheet HTML 40Page - Texas Instruments LM3533 Datasheet HTML 41Page - Texas Instruments LM3533 Datasheet HTML 42Page - Texas Instruments LM3533 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 63 page
background image
Code(D)
RALS
x
=
10 µA
2V
LM3533
www.ti.com
SNOSC68C – APRIL 2012 – REVISED SEPTEMBER 2015
Table 21. R_ALS Select Register (Address 0x30)
Bit 7
Bits [6:0]
Not Used
ALS Resistor Select Code
0000000 = ALS input is high impedance (Default)
0000001 = 200k
Ω (10µA at 2V full-scale)
0000010 = 100k
Ω (20µA at 2V full-scale)
:
:
:
1111110 = 1.587k
Ω (1.26mA at 2V full-scale)
1111111 = 1.575k
Ω (1.27mA at 2V full-scale)
The selectable codes are available which give a linear step in currents of 10 µA per code based upon 2V/R_ALS.
This gives a code to resistance relationship of:
(8)
Table 22. ALS Configuration Register (Address 0x31)
Bit [7:6]
Bits [5:3]
Bit 2
Bit 1
Bit 0
Not Used
ALS Average Times
Fast startup
ALS Input Mode
ALS Enable/Disable
Enable/Disable
000 = 17.92 ms
0 = ALS fast startup is
0 = ALS is set for Analog
0 = ALS is disabled
001 = 35.84ms
enabled (Default)
Sensor Input Mode
(Default)
010 = 71.68ms
1 = ALS fast startup is
(Default)
1 = ALS is enabled
011 = 143.36ms
disabled
1 = ALS is set for PWM
100 = 286.72ms (Default)
Sensor Input Mode
101 = 573.44ms
110 = 1146.88ms
111 = 2293.76ms
Table 23. ALS Algorithm Select Register (Address 0x32)
Bits [7:6]
Bits [5:4]
Bits [3:2]
Bits [1:0]
ALS Pattern Generator Zone
ALSM3 zone Algorithm Select
ALSM2 zone Algorithm Select
ALSM1 zone Algorithm Select
Algorithm Select
00 = Direct Control (Default)
00 = Direct Control (Default)
00 = Direct Control
00 = Direct Control (default)
(Default)(Default)
01 = Up Only Control
01 = Up Only Control
01 = Up Only
01 = Up Only
1× = Down Delay Control
1× = Down Delay Control
1X = Down Delay
1× = Down Delay
Table 24. ALS Down Delay Control Register (Address 0x33)
Bits [7:4]
Bits [4:0]
Not Used
Down Delay Settings
(# Indicates total average periods required to force a change in the down direction)
00000 = 6 (Default)
:
:
:
11111 = 37
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: LM3533



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com