Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3533 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # LM3533
Description  Complete Lighting Power Solution for Smartphone Handsets
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3533 Datasheet(HTML) 49 Page - Texas Instruments

Back Button LM3533 Datasheet HTML 45Page - Texas Instruments LM3533 Datasheet HTML 46Page - Texas Instruments LM3533 Datasheet HTML 47Page - Texas Instruments LM3533 Datasheet HTML 48Page - Texas Instruments LM3533 Datasheet HTML 49Page - Texas Instruments LM3533 Datasheet HTML 50Page - Texas Instruments LM3533 Datasheet HTML 51Page - Texas Instruments LM3533 Datasheet HTML 52Page - Texas Instruments LM3533 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 63 page
background image
2.5
3.0
3.5
4.0
4.5
5.0
5.5
90.0
89.0
88.0
87.0
86.0
85.0
84.0
83.0
82.0
81.0
80.0
VIN (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
92.0
90.0
88.0
86.0
84.0
82.0
80.0
78.0
76.0
74.0
72.0
70.0
VIN (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
93.0
91.0
89.0
87.0
85.0
83.0
81.0
79.0
77.0
75.0
VIN (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
92.0
89.0
86.0
83.0
80.0
77.0
74.0
71.0
68.0
65.0
VIN (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
92.0
90.0
88.0
86.0
84.0
82.0
80.0
78.0
76.0
74.0
72.0
VIN (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
95.0
90.0
85.0
80.0
75.0
70.0
65.0
60.0
VIN (V)
LM3533
www.ti.com
SNOSC68C – APRIL 2012 – REVISED SEPTEMBER 2015
8.2.3 Application Curves
VIN = 3.6 V, LEDs are WLEDs part number SML-312WBCW(A), typical application circuit with L = TDK (VLF302512, 4.7 µH,
10 µH, 22 µH where specified), Schottky = On-Semi (NSR0240V2T1G), TA = 25°C, unless otherwise specified. Efficiency is
given as VOUT × (IHVLED1 + IHVLED2)/(VIN × IIN); matching curves are given as (ΔILED_MAX/ILED_AVE).
L = 22 µH
20 mA/String
ƒSW = 500 kHz
L = 22 µH
20 mA/String
ƒSW = 1 MHz
Top To Bottom: 2×4, 2×5, 2×6, 2×7, 2×8, 2×9 (LEDs)
Top To Bottom: 2×4, 2×5, 2×6, 2×7, 2×8, 2×9, 2×10 (LEDs)
Figure 38. Efficiency vs VIN, Dual String
Figure 39. Efficiency vs VIN, Dual String
L = 22 µH
20 mA/String
ƒSW = 500 kHz
L = 22 µH
20 mA/String
ƒSW = 1 MHz
Top To Bottom: 1×4, 1×5, 1×6, 1×7, 1×8, 1×9, 1×10 (LEDs)
Top To Bottom: 1×4, 1×5, 1×6, 1×7, 1×8, 1×9, 1×10 (LEDs)
Figure 40. Efficiency vs VIN, Single String
Figure 41. Efficiency vs VIN, Single String
L = 10 µH
20 mA/String
ƒSW = 500 kHz
L = 10 µH
20 mA/String
ƒSW = 1 MHz
Top To Bottom: 2×4, 2×5, 2×6, 2×7, 2×8, 2×9 (LEDs)
Top To Bottom: 2×4, 2×5, 2×6, 2×7, 2×8, 2×9, 2×10 (LEDs)
Figure 42. Efficiency vs VIN, Dual String
Figure 43. Efficiency vs VIN, Dual String
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Links: LM3533



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com