Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3533 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # LM3533
Description  Complete Lighting Power Solution for Smartphone Handsets
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3533 Datasheet(HTML) 41 Page - Texas Instruments

Back Button LM3533 Datasheet HTML 37Page - Texas Instruments LM3533 Datasheet HTML 38Page - Texas Instruments LM3533 Datasheet HTML 39Page - Texas Instruments LM3533 Datasheet HTML 40Page - Texas Instruments LM3533 Datasheet HTML 41Page - Texas Instruments LM3533 Datasheet HTML 42Page - Texas Instruments LM3533 Datasheet HTML 43Page - Texas Instruments LM3533 Datasheet HTML 44Page - Texas Instruments LM3533 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 63 page
background image
255
FULLSCALE
LED
LED
Code
I
I
x
x
=
1
_
85
.
x 0
Code
-
.
40
+1
4
6
«
¬
ª
¨
©
§
»
¼
º
FULLSCALE
LED
LED
I
I
=
_
255
=
=
mV
8
.
7
ryLSB
ZoneBounda
V
2
LM3533
www.ti.com
SNOSC68C – APRIL 2012 – REVISED SEPTEMBER 2015
Table 30. ALS Zone Boundary High And Low Registers (Addresses 0x50 - 0x57) (continued)
Address
Function
0x55
ALS Zone Boundary 2 Low
0x56
ALS Zone Boundary 3 High
0x57
ALS Zone Boundary 3 Low
Note: Each Zone Boundary register is 8 bits with a maximum voltage of 2 V. This gives a step size for each Zone
Boundary Register bit of:
(11)
Table 31. ALSM1 Zone Target Registers (Addresses 0x60 to 0x64)
Address
Function
0x60
ALSM1 Zone Target 0
0x61
ALSM1 Zone Target 1
0x62
ALSM1 Zone Target 2
0x63
ALSM1 Zone Target 3
0x64
ALSM1 Zone Target 4
Table 32. ALSM2 Zone Target Registers (Addresses 0x65 to 0x69)
Address
Function
0x65
ALSM2 Zone Target 0
0x66
ALSM2 Zone Target 1
0x67
ALSM2 Zone Target 2
0x68
ALSM2 Zone Target 3
0x69
ALSM2 Zone Target 4
Table 33. ALSM3 Zone Target Registers (Addresses 0x6A to 0x6E)
Address
Function
0x6A
ALSM3 Zone Target 0
0x6B
ALSM3 Zone Target 1
0x6C
ALSM3 Zone Target 2
0x6D
ALSM3 Zone Target 3
0x6E
ALSM3 Zone Target 4
When the Mapping Mode is set for exponential mapping (Control Bank_Brightness Configuration Register Bit [2]
= 0), the current approximates Equation 12:
(12)
When the Mapping Mode is set for linear mapping (Control Bank_Brightness Configuration Register Bit [2] = 1),
the current approximates Equation 13:
(13)
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Links: LM3533



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com