Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9AF111LA Datasheet(PDF) 6 Page - SPANSION

Part # MB9AF111LA
Description  This document states the current technical specifications regarding
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF111LA Datasheet(HTML) 6 Page - SPANSION

Back Button MB9AF111LA Datasheet HTML 2Page - SPANSION MB9AF111LA Datasheet HTML 3Page - SPANSION MB9AF111LA Datasheet HTML 4Page - SPANSION MB9AF111LA Datasheet HTML 5Page - SPANSION MB9AF111LA Datasheet HTML 6Page - SPANSION MB9AF111LA Datasheet HTML 7Page - SPANSION MB9AF111LA Datasheet HTML 8Page - SPANSION MB9AF111LA Datasheet HTML 9Page - SPANSION MB9AF111LA Datasheet HTML 10Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 121 page
background image
D a t a S h e e t
December 16, 2014, MB9A110A-DS706-00011-3v0-E
3
CONFIDENTIAL
External Bus Interface*
 Supports SRAM, NOR Flash device
 Up to 8 chip selects
 8/16-bit Data width
 Up to 25-bit Address bit
 Maximum area size : Up to 256 Mbytes
 Supports Address/Data multiplex
 Supports external RDY function
* : MB9AF111LA, F312LA and F314LA do not support External Bus Interface
DMA Controller (8channels)
The DMA Controller has an independent bus from the CPU, so CPU and DMA Controller can process
simultaneously.
 8 independently configured and operated channels
 Transfer can be started by software or request from the built-in peripherals
 Transfer address area: 32bit(4Gbytes)
 Transfer mode: Block transfer/Burst transfer/Demand transfer
 Transfer data type: byte/half-word/word
 Transfer block count: 1 to 16
 Number of transfers: 1 to 65536
A/D Converter (Max 16channels)
[12-bit A/D Converter]
 Successive Approximation type
 Built-in 3units*
 Conversion time: 1.0μs@5V
 Priority conversion available (priority at 2levels)
 Scanning conversion mode
 Built-in FIFO for conversion data storage (for SCAN conversion: 16steps, for Priority conversion:
4steps)
* : MB9AF111LA, F112LA , F114LA built-in 2units
Base Timer (Max 8channels)
Operation mode is selectable from the followings for each channel.
 16-bit PWM timer
 16-bit PPG timer
 16/32-bit reload timer
 16/32-bit PWC timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com