Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9AF111LA Datasheet(PDF) 7 Page - SPANSION

Part # MB9AF111LA
Description  This document states the current technical specifications regarding
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF111LA Datasheet(HTML) 7 Page - SPANSION

Back Button MB9AF111LA Datasheet HTML 3Page - SPANSION MB9AF111LA Datasheet HTML 4Page - SPANSION MB9AF111LA Datasheet HTML 5Page - SPANSION MB9AF111LA Datasheet HTML 6Page - SPANSION MB9AF111LA Datasheet HTML 7Page - SPANSION MB9AF111LA Datasheet HTML 8Page - SPANSION MB9AF111LA Datasheet HTML 9Page - SPANSION MB9AF111LA Datasheet HTML 10Page - SPANSION MB9AF111LA Datasheet HTML 11Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 121 page
background image
D a t a S h e e t
4
MB9A110A-DS706-00011-3v0-E, December 16, 2014
CONFIDENTIAL
Multi-function Timer (Max 2units)
The Multi-function timer is composed of the following blocks.
 16-bit free-run timer × 3ch/unit
 Input capture × 4ch/unit
 Output compare × 6ch/unit
 A/D activation compare × 3ch/unit
 Waveform generator × 3ch/unit
 16-bit PPG timer × 3ch/unit
The following function can be used to achieve the motor control.
 PWM signal output function
 DC chopper waveform output function
 Dead timer function
 Input capture function
 A/D converter activate function
 DTIF (Motor emergency stop) interrupt function
Quadrature Position/Revolution Counter (QPRC) (Max 2units)
The Quadrature Position/Revolution Counter (QPRC) is used to measure the position of the position
encoder. Moreover, it is possible to use up/down counter.
 The detection edge of the three external event input pins AIN, BIN and ZIN is configurable.
 16-bit position counter
 16-bit revolution counter
 Two 16-bit compare registers
Dual Timer (32/16bit Down Counter)
The Dual Timer consists of two programmable 32/16-bit down counters.
Operation mode is selectable from the followings for each timer channel.
 Free-running
 Periodic (=Reload)
 One-shot
Watch Counter
The Watch counter is used for wake up from Low-Power Consumption mode.
 Interval timer: up to 64s(Max)@ Sub Clock : 32.768kHz
Watch dog Timer (2channels)
A watchdog timer can generate interrupts or a reset when a time-out value is reached.
This series consists of two different watchdogs, a "Hardware" watchdog and a, "Software" watchdog.
The "Hardware" watchdog timer is clocked by the built-in low speed CR oscillator. Therefore, the
"Hardware" watchdog is active in any low-power consumption modes except STOP mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com