Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9AF111LA Datasheet(PDF) 8 Page - SPANSION

Part # MB9AF111LA
Description  This document states the current technical specifications regarding
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF111LA Datasheet(HTML) 8 Page - SPANSION

Back Button MB9AF111LA Datasheet HTML 4Page - SPANSION MB9AF111LA Datasheet HTML 5Page - SPANSION MB9AF111LA Datasheet HTML 6Page - SPANSION MB9AF111LA Datasheet HTML 7Page - SPANSION MB9AF111LA Datasheet HTML 8Page - SPANSION MB9AF111LA Datasheet HTML 9Page - SPANSION MB9AF111LA Datasheet HTML 10Page - SPANSION MB9AF111LA Datasheet HTML 11Page - SPANSION MB9AF111LA Datasheet HTML 12Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 121 page
background image
D a t a S h e e t
December 16, 2014, MB9A110A-DS706-00011-3v0-E
5
CONFIDENTIAL
External Interrupt Controller Unit
 Up to 16 external interrupt input pins.
 Include one non-maskable interrupt (NMI) input pin.
General-Purpose I/O Port
This series can use its pins as general-purpose I/O ports when they are not used for external bus or
peripherals. Moreover, the port relocate function is built in. It can set which I/O port the peripheral function
can be allocated to.
 Capable of pull-up control per pin
 Capable of reading pin level directly
 Built-in the port relocate function
 Up to 83 fast General Purpose I/O Ports @ 100pin Package
 Some ports are 5V tolerant I/O (MB9AF115MA/NA, MB9AF116MA/NA only)
Please see "PIN DESCRIPTION" to confirm the corresponding pins.
CRC (Cyclic Redundancy Check) Accelerator
The CRC accelerator calculates the CRC which has a heavy software processing load, and achieves a
reduction of the integrity check processing load for reception data and storage.
CCITT CRC16 and IEEE-802.3 CRC32 are supported.
 CCITT CRC16 Generator Polynomial: 0x1021
 IEEE-802.3 CRC32 Generator Polynomial: 0x04C11DB7
Clock and Reset
[Clocks]
Selectable from five clock sources (2 external oscillators, 2 built-in CR oscillators, and Main PLL).
 Main Clock
: 4MHz to 48MHz
 Sub Clock
: 32.768kHz
 Built-in high-speed CR Clock: 4MHz
 Built-in low-speed CR Clock : 100kHz
 Main PLL Clock
[Resets]
 Reset requests from INITX pins
 Power-on reset
 Software reset
 Watchdog timers reset
 Low-voltage detector reset
 Clock supervisor reset
Clock Super Visor (CSV)
Clocks generated by built-in CR oscillators are used to supervise abnormality of the external clocks.
 External clock failure (clock stop) is detected, reset is asserted.
 External frequency anomaly is detected, interrupt or reset is asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com