Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9AF111LA Datasheet(PDF) 71 Page - SPANSION

Part # MB9AF111LA
Description  This document states the current technical specifications regarding
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF111LA Datasheet(HTML) 71 Page - SPANSION

Back Button MB9AF111LA Datasheet HTML 67Page - SPANSION MB9AF111LA Datasheet HTML 68Page - SPANSION MB9AF111LA Datasheet HTML 69Page - SPANSION MB9AF111LA Datasheet HTML 70Page - SPANSION MB9AF111LA Datasheet HTML 71Page - SPANSION MB9AF111LA Datasheet HTML 72Page - SPANSION MB9AF111LA Datasheet HTML 73Page - SPANSION MB9AF111LA Datasheet HTML 74Page - SPANSION MB9AF111LA Datasheet HTML 75Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 121 page
background image
D a t a S h e e t
68
MB9A110A-DS706-00011-3v0-E, December 16, 2014
CONFIDENTIAL
(Vcc = AVcc = 2.7V to 5.5V, Vss = AVss = 0V, Ta = - 40°C to + 105°C)
Parameter Symbol
Pin
name
Conditions
Value
Unit Remarks
Typ*
2
Max*
2
TIMER
mode
current
ICCT
VCC
Main
TIMER
mode
Ta = + 25°C,
When LVD is off
*3
2.5
3
mA
*1
Ta = + 105°C,
When LVD is off
*3
-
6
mA
*1
Sub
TIMER
mode
Ta = + 25°C,
When LVD is off
*4
60
230
μA
*1
Ta = + 105°C,
When LVD is off
*4
-
3.1
mA
*1
STOP
mode
current
ICCH
STOP mode
Ta = + 25°C,
When LVD is off
35
200
μA
*1
Ta = + 105°C,
When LVD is off
-
3
mA
*1
*1 : When all ports are fixed.
*2 : VCC=5.5V
*3 : When using the crystal oscillator of 4 MHz(Including the current consumption of the oscillation circuit)
*4 : When using the crystal oscillator of 32 kHz(Including the current consumption of the oscillation circuit)
· Low-Voltage Detection Current
(VCC = 2.7V to 5.5V, VSS = 0V, Ta = - 40°C to + 105°C)
Parameter
Symbol
Pin
name
Conditions
Value
Unit
Remarks
Typ
Max
Low-voltage
detection circuit
(LVD) power
supply current
ICCLVD
VCC
At operation
for interrupt
Vcc = 5.5V
4
7
μA
At not detect
· Flash Memory Current
(VCC = 2.7V to 5.5V, VSS = 0V, Ta = - 40°C to + 105°C)
Parameter
Symbol
Pin
name
Conditions
Value
Unit
Remarks
Typ
Max
Flash memory
write/erase
current
ICCFLASH
VCC
At Write/Erase
11.4
13.1
mA
· A/D Converter Current
(VCC = AVCC = 2.7V to 5.5V, VSS = AVSS = AVRL = 0V, Ta = - 40°C to + 105°C)
Parameter
Symbol
Pin
name
Conditions
Value
Unit
Remarks
Typ
Max
Power supply
current
ICCAD
AVCC
At 1unit
operation
0.57
0.72
mA
At stop
0.06
20
μA
Reference power
supply current
ICCAVRH
AVRH
At 1unit
operation
AVRH=5.5V
1.1
1.96
mA
At stop
0.06
4
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com