Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9AF111LA Datasheet(PDF) 9 Page - SPANSION

Part # MB9AF111LA
Description  This document states the current technical specifications regarding
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF111LA Datasheet(HTML) 9 Page - SPANSION

Back Button MB9AF111LA Datasheet HTML 5Page - SPANSION MB9AF111LA Datasheet HTML 6Page - SPANSION MB9AF111LA Datasheet HTML 7Page - SPANSION MB9AF111LA Datasheet HTML 8Page - SPANSION MB9AF111LA Datasheet HTML 9Page - SPANSION MB9AF111LA Datasheet HTML 10Page - SPANSION MB9AF111LA Datasheet HTML 11Page - SPANSION MB9AF111LA Datasheet HTML 12Page - SPANSION MB9AF111LA Datasheet HTML 13Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 121 page
background image
D a t a S h e e t
6
MB9A110A-DS706-00011-3v0-E, December 16, 2014
CONFIDENTIAL
Low-Voltage Detector (LVD)
This Series include 2-stage monitoring of voltage on the VCC. When the voltage falls below the voltage
that has been set, Low-Voltage Detector generates an interrupt or reset.
 LVD1: error reporting via interrupt
 LVD2: auto-reset operation
Low-Power Consumption Mode
Three Low-Power Consumption modes supported.
 SLEEP
 TIMER
 STOP
Debug
 Serial Wire JTAG Debug Port (SWJ-DP)
 Embedded Trace Macrocells (ETM).*
*: MB9AF111LA/MA, F312LA/MA, F314LA/MA, F315MA and F316MA support only SWJ-DP.
Power Supply
 VCC
= 2.7V to 5.5V: Correspond to the wide range voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com