Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9AF111LA Datasheet(PDF) 65 Page - SPANSION

Part # MB9AF111LA
Description  This document states the current technical specifications regarding
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF111LA Datasheet(HTML) 65 Page - SPANSION

Back Button MB9AF111LA Datasheet HTML 61Page - SPANSION MB9AF111LA Datasheet HTML 62Page - SPANSION MB9AF111LA Datasheet HTML 63Page - SPANSION MB9AF111LA Datasheet HTML 64Page - SPANSION MB9AF111LA Datasheet HTML 65Page - SPANSION MB9AF111LA Datasheet HTML 66Page - SPANSION MB9AF111LA Datasheet HTML 67Page - SPANSION MB9AF111LA Datasheet HTML 68Page - SPANSION MB9AF111LA Datasheet HTML 69Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 121 page
background image
D a t a S h e e t
62
MB9A110A-DS706-00011-3v0-E, December 16, 2014
CONFIDENTIAL
Pin status type
Function group
Power-on reset
or low-voltage
detection state
INITX input
state
Device internal
reset state
Run mode or
SLEEP mode
state
Timer mode or STOP mode
state
Power supply
unstable
Power supply stable
Power supply
stable
Power supply stable
-
INITX=0
INITX=1
INITX=1
INITX=1
-
-
-
-
SPL=0
SPL=1
K
Analog input
selected
Hi-Z
Hi-Z/
Internal input
fixed at "0"/
Analog input
enabled
Hi-Z/
Internal input
fixed at "0"/
Analog input
enabled
Hi-Z/
Internal input
fixed at "0"/
Analog input
enabled
Hi-Z/
Internal input
fixed at "0"/
Analog input
enabled
Hi-Z/
Internal input
fixed at "0"/
Analog input
enabled
GPIO selected, or
resource other than
above selected
Setting disabled
Setting
disabled
Setting
disabled
Maintain
previous state
Maintain
previous state
Hi-Z/
Internal input
fixed at "0"
L
External interrupt
enabled selected
Setting disabled
Setting
disabled
Setting
disabled
Maintain
previous state
Maintain
previous state
Maintain
previous state
Analog input
selected
Hi-Z
Hi-Z/
Internal input
fixed at "0"/
Analog input
enabled
Hi-Z/
Internal input
fixed at "0"/
Analog input
enabled
Hi-Z/
Internal input
fixed at "0"/
Analog input
enabled
Hi-Z/
Internal input
fixed at "0"/
Analog input
enabled
Hi-Z/
Internal input
fixed at "0"/
Analog input
enabled
GPIO selected, or
resource other than
above selected
Setting disabled
Setting
disabled
Setting
disabled
Maintain
previous state
Maintain
previous state
Hi-Z/
Internal input
fixed at "0"
M
GPIO selected
Setting disabled
Setting
disabled
Setting
disabled
Maintain
previous state
Maintain
previous state
Hi-Z/ Internal
input fixed at
"0"
Sub crystal
oscillator input pin
Input enabled
Input enabled
Input enabled
Input enabled
Input enabled
Input enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com