| Electronic Components Datasheet Search |
|
MB9B320M Datasheet(PDF) 32 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB9B320M Datasheet(HTML) 32 Page - SPANSION |
|
32 / 113 page ![]() D a t a S h e e t March 18, 2015, MB9B320M_DS706-00049-3v0-E 29 CONFIDENTIAL Pin function Pin name Function description Pin No LQFP-80 BGA-96 LQFP-64 QFN-64 LQFP-48 QFN-48 Multi- function Serial 0 SIN0_0 Multi-function serial interface ch.0 input pin 59 C11 48 36 SIN0_1 46 H9 38 29 SOT0_0 (SDA0_0) Multi-function serial interface ch.0 output pin. This pin operates as SOT0 when it is used in a UART/CSIO/LIN (operation modes 0 to 3) and as SDA0 when it is used in an I 2C (operation mode 4). 58 D9 47 35 SOT0_1 (SDA0_1) 47 G10 39 30 SCK0_0 (SCL0_0) Multi-function serial interface ch.0 clock I/O pin. This pin operates as SCK0 when it is used in a CSIO (operation mode 2) and as SCL0 when it is used in an I 2C (operation mode 4). 57 D10 46 34 SCK0_1 (SCL0_1) 48 G9 - - Multi- function Serial 1 SIN1_1 Multi-function serial interface ch.1 input pin 43 J10 35 26 SOT1_1 (SDA1_1) Multi-function serial interface ch.1 output pin. This pin operates as SOT1 when it is used in a UART/LIN (operation modes 0,1,3) . 44 J8 36 27 Multi- function Serial 2 SIN2_2 Multi-function serial interface ch.2 input pin 49 F10 40 - SOT2_2 (SDA2_2) Multi-function serial interface ch.2 output pin. This pin operates as SOT2 when it is used in a UART/CSIO/LIN (operation modes 0 to 3) and as SDA2 when it is used in an I 2C (operation mode 4). 53 F9 44 - SCK2_2 (SCL2_2) Multi-function serial interface ch.2 clock I/O pin. This pin operates as SCK2 when it is used in a CSIO (operation mode 2) and as SCL2 when it is used in an I 2C (operation mode 4). 54 E11 45 - Multi- function Serial 3 SIN3_1 Multi-function serial interface ch.3 input pin 2 C1 2 2 SIN3_2 29 J5 - - SOT3_1 (SDA3_1) Multi-function serial interface ch.3 output pin. This pin operates as SOT3 when it is used in a UART/CSIO/LIN (operation modes 0 to 3) and as SDA3 when it is used in an I 2C (operation mode 4). 3 C2 3 3 SOT3_2 (SDA3_2) 30 K6 - - SCK3_1 (SCL3_1) Multi-function serial interface ch.3 clock I/O pin. This pin operates as SCK3 when it is used in a CSIO (operation mode 2) and as SCL3 when it is used in an I 2C (operation mode 4). 4 B3 4 4 SCK3_2 (SCL3_2) 31 J6 - - |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |