Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9B320M Datasheet(PDF) 64 Page - SPANSION

Part # MB9B320M
Description  This document states the current technical specifications regarding
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B320M Datasheet(HTML) 64 Page - SPANSION

Back Button MB9B320M Datasheet HTML 60Page - SPANSION MB9B320M Datasheet HTML 61Page - SPANSION MB9B320M Datasheet HTML 62Page - SPANSION MB9B320M Datasheet HTML 63Page - SPANSION MB9B320M Datasheet HTML 64Page - SPANSION MB9B320M Datasheet HTML 65Page - SPANSION MB9B320M Datasheet HTML 66Page - SPANSION MB9B320M Datasheet HTML 67Page - SPANSION MB9B320M Datasheet HTML 68Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 113 page
background image
D a t a S h e e t
March 18, 2015, MB9B320M_DS706-00049-3v0-E
61
CONFIDENTIAL
· Low-Voltage Detection Current
(VCC = 2.7V to 5.5V, VSS = 0V, TA = - 40°C to + 105°C)
Parameter
Symbol
Pin
name
Conditions
Value
Unit
Remarks
Typ
Max
Low-voltage
detection circuit
(LVD) power
supply current
ICCLVD
VCC
At operation
for reset
Vcc = 5.5 V
0.13
0.3
μA
At not detect
At operation
for interrupt
Vcc = 5.5 V
0.13
0.3
μA
At not detect
· Flash Memory Current
(VCC = 2.7V to 5.5V, VSS = 0V, TA = - 40°C to + 105°C)
Parameter
Symbol
Pin
name
Conditions
Value
Unit
Remarks
Typ
Max
Flash memory
write/erase
current
ICCFLASH
VCC
At Write/Erase
9.5
11.2
mA
*
*: The current at which to write or erase Flash memory, "ICCFLASH" is added to "ICC".
· A/D Converter Current
(VCC = AVCC = 2.7V to 5.5V, VSS = AVSS = AVRL = 0V, TA = - 40°C to + 105°C)
Parameter
Symbol
Pin
name
Conditions
Value
Unit
Remarks
Typ
Max
Power supply
current
ICCAD
AVCC
At 1unit
operation
0.69
0.90
mA
At stop
0.25
25.84
μA
Reference power
supply current
ICCAVRH
AVRH
At 1unit
operation
AVRH=5.5 V
1.1
1.97
mA
At stop
0.2
3.4
μA
· D/A Converter Current
(VCC = AVCC = 2.7V to 5.5V, VSS = AVSS = 0V, TA = - 40°C to + 105°C)
Parameter
Symbol
Pin
name
Conditions
Value
Unit
Remarks
Min
Typ
Max
Power supply
current*
1
IDDA*
2
AVCC
At 1unit
operation
AVCC=3.3 V
250
315
380
μA
At 1unit
operation
AVCC=5.0 V
380
475
580
μA
IDSA
At stop
-
-
16
μA
*1: No-load
*2: Generates the max current by the CODE about 0x200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com