Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9B320M Datasheet(PDF) 59 Page - SPANSION

Part # MB9B320M
Description  This document states the current technical specifications regarding
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B320M Datasheet(HTML) 59 Page - SPANSION

Back Button MB9B320M Datasheet HTML 55Page - SPANSION MB9B320M Datasheet HTML 56Page - SPANSION MB9B320M Datasheet HTML 57Page - SPANSION MB9B320M Datasheet HTML 58Page - SPANSION MB9B320M Datasheet HTML 59Page - SPANSION MB9B320M Datasheet HTML 60Page - SPANSION MB9B320M Datasheet HTML 61Page - SPANSION MB9B320M Datasheet HTML 62Page - SPANSION MB9B320M Datasheet HTML 63Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 113 page
background image
D a t a S h e e t
56
MB9B320M_DS706-00049-3v0-E, March 18, 2015
CONFIDENTIAL
 Electrical Characteristics
1.
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Remarks
Min
Max
Power supply voltage*
1, *2
VCC
VSS - 0.5
VSS + 6.5
V
Power supply voltage (for USB)*
1, * 3
USBVCC
VSS - 0.5
VSS + 6.5
V
Analog power supply voltage*
1, *4
AVCC
VSS - 0.5
VSS + 6.5
V
Analog reference voltage*
1, *4
AVRH
VSS - 0.5
VSS + 6.5
V
Input voltage*
1
VI
VSS - 0.5
VCC + 0.5
(≤ 6.5 V)
V
Except for USB pin
VSS - 0.5
USBVCC + 0.5
(≤ 6.5 V)
V
USB pin
VSS - 0.5
VSS + 6.5
V
5 V tolerant
Analog pin input voltage*
1
VIA
VSS - 0.5
AVCC + 0.5
(≤ 6.5 V)
V
Output voltage*
1
VO
VSS - 0.5
VCC + 0.5
(≤ 6.5 V)
V
Clamp maximum current
ICLAMP
-2
+2
mA
*8
Clamp total maximum current
Σ[I
CLAMP]
+20
mA
*8
L level maximum output current*
5
IOL
-
10
mA
4 mA type
20
mA
12 mA type
39
mA
The pin doubled as
USB I/O
L level average output current*
6
IOLAV
-
4
mA
4 mA type
12
mA
12 mA type
16.5
mA
The pin doubled as
USB I/O
L level total maximum output current
∑I
OL
-
100
mA
L level total average output current*
7
∑I
OLAV
-
50
mA
H level maximum output current*
5
IOH
-
- 10
mA
4 mA type
- 20
mA
12 mA type
- 39
mA
The pin doubled as
USB I/O
H level average output current*
6
IOHAV
-
- 4
mA
4 mA type
- 12
mA
12 mA type
- 18
mA
The pin doubled as
USB I/O
H level total maximum output current
∑I
OH
-
- 100
mA
H level total average output current*
7
∑I
OHAV
-
- 50
mA
Power consumption
PD
-
300
mW
Storage temperature
TSTG
- 55
+ 150
°C
*1: These parameters are based on the condition that VSS = AVSS = 0 V.
*2: VCC must not drop below VSS - 0.5 V.
*3: USBVCC must not drop below VSS - 0.5 V.
*4: Ensure that the voltage does not exceed VCC + 0.5 V, for example, when the power is turned on.
*5: The maximum output current is defined as the value of the peak current flowing through any one of the
corresponding pins.
*6: The average output current is defined as the average current value flowing through any one of the
corresponding pins for a 100 ms period.
*7: The total average output current is defined as the average current value flowing through all of
corresponding pins for a 100 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com