Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9B320M Datasheet(PDF) 34 Page - SPANSION

Part # MB9B320M
Description  This document states the current technical specifications regarding
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B320M Datasheet(HTML) 34 Page - SPANSION

Back Button MB9B320M Datasheet HTML 30Page - SPANSION MB9B320M Datasheet HTML 31Page - SPANSION MB9B320M Datasheet HTML 32Page - SPANSION MB9B320M Datasheet HTML 33Page - SPANSION MB9B320M Datasheet HTML 34Page - SPANSION MB9B320M Datasheet HTML 35Page - SPANSION MB9B320M Datasheet HTML 36Page - SPANSION MB9B320M Datasheet HTML 37Page - SPANSION MB9B320M Datasheet HTML 38Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 113 page
background image
D a t a S h e e t
March 18, 2015, MB9B320M_DS706-00049-3v0-E
31
CONFIDENTIAL
Pin
function
Pin name
Function description
Pin No
LQFP-80 BGA-96
LQFP-64
QFN-64
LQFP-48
QFN-48
Multi-
function
Serial
7
SIN7_1
Multi-function serial interface ch.7
input pin
35
K8
27
-
SOT7_1
(SDA7_1)
Multi-function serial interface ch.7
output pin.
This pin operates as SOT7 when it is
used in a UART/CSIO/LIN (operation
modes 0 to 3) and as SDA7 when it is
used in an I
2C (operation mode 4).
34
J7
26
-
SCK7_1
(SCL7_1)
Multi-function serial interface ch.7
clock I/O pin.
This pin operates as SCK7 when it is
used in a CSIO (operation mode 2)
and as SCL7 when it is used in an I
2C
(operation mode 4).
33
K7
25
-
Multi-
function
Timer
0
DTTI0X_0
Input signal of waveform generator to
control outputs RTO00 to RTO05 of
Multi-function timer 0
13
G3
9
5
DTTI0X_2
75
B4
59
43
FRCK0_2
16-bit free-run timer ch.0 external
clock input pin
43
J10
35
26
IC00_1
16-bit input capture input pin of
Multi-function timer 0.
ICxx describes channel number.
55
E10
-
-
IC00_2
44
J8
36
27
IC01_1
56
E9
-
-
IC02_2
46
H9
38
29
IC03_2
47
G10
39
30
RTO00_0
(PPG00_0)
Waveform generator output pin of
Multi-function timer 0.
This pin operates as PPG00 when it is
used in PPG0 output mode.
14
H1
10
6
RTO01_0
(PPG00_0)
Waveform generator output pin of
Multi-function timer 0.
This pin operates as PPG00 when it is
used in PPG0 output mode.
15
H2
11
7
RTO02_0
(PPG02_0)
Waveform generator output pin of
Multi-function timer 0.
This pin operates as PPG02 when it is
used in PPG0 output mode.
16
H3
12
8
RTO03_0
(PPG02_0)
Waveform generator output pin of
Multi-function timer 0.
This pin operates as PPG02 when it is
used in PPG0 output mode.
17
J1
13
9
RTO04_0
(PPG04_0)
Waveform generator output pin of
Multi-function timer 0.
This pin operates as PPG04 when it is
used in PPG0 output mode.
18
J2
14
10
RTO05_0
(PPG04_0)
Waveform generator output pin of
Multi-function timer 0.
This pin operates as PPG04 when it is
used in PPG0 output mode.
19
J4
15
11
IGTRG_0
PPG IGBT mode external trigger input
pin
32
L7
24
-
IGTRG_1
76
C4
60
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com