Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9B320M Datasheet(PDF) 80 Page - SPANSION

Part # MB9B320M
Description  This document states the current technical specifications regarding
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B320M Datasheet(HTML) 80 Page - SPANSION

Back Button MB9B320M Datasheet HTML 76Page - SPANSION MB9B320M Datasheet HTML 77Page - SPANSION MB9B320M Datasheet HTML 78Page - SPANSION MB9B320M Datasheet HTML 79Page - SPANSION MB9B320M Datasheet HTML 80Page - SPANSION MB9B320M Datasheet HTML 81Page - SPANSION MB9B320M Datasheet HTML 82Page - SPANSION MB9B320M Datasheet HTML 83Page - SPANSION MB9B320M Datasheet HTML 84Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 113 page
background image
D a t a S h e e t
March 18, 2015, MB9B320M_DS706-00049-3v0-E
77
CONFIDENTIAL
(9) External Input Timing
(VCC = 2.7V to 5.5V, VSS = 0V, TA = - 40°C to + 105°C)
Parameter
Symbol
Pin name
Conditions
Value
Unit
Remarks
Min
Max
Input pulse width
tINH,
tINL
ADTG
-
2tCYCP*
1
-
ns
A/D converter
trigger input
FRCKx
Free-run timer input
clock
ICxx
Input capture
DTTIxX
-
2tCYCP*
1
-
ns
Waveform generator
INTxx,
NMIX
*2
2tCYCP + 100*
1
-
ns
External interrupt
NMI
*3
500
-
ns
WKUPx
*4
500
-
ns
Deep standby wake
up
*1: tCYCP indicates the APB bus clock cycle time.
About the APB bus number which the A/D converter, Multi-function Timer, External interrupt are connected
to, see "Block Diagram" in this data sheet.
*2: When in Run mode, in Sleep mode.
*3: When in Stop mode, in RTL mode, in Timer mode.
*4: When in Deep Standby RTC mode, in Deep Standby Stop mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com