Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9B320M Datasheet(PDF) 56 Page - SPANSION

Part # MB9B320M
Description  This document states the current technical specifications regarding
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B320M Datasheet(HTML) 56 Page - SPANSION

Back Button MB9B320M Datasheet HTML 52Page - SPANSION MB9B320M Datasheet HTML 53Page - SPANSION MB9B320M Datasheet HTML 54Page - SPANSION MB9B320M Datasheet HTML 55Page - SPANSION MB9B320M Datasheet HTML 56Page - SPANSION MB9B320M Datasheet HTML 57Page - SPANSION MB9B320M Datasheet HTML 58Page - SPANSION MB9B320M Datasheet HTML 59Page - SPANSION MB9B320M Datasheet HTML 60Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 113 page
background image
D a t a S h e e t
March 18, 2015, MB9B320M_DS706-00049-3v0-E
53
CONFIDENTIAL
Function
group
Power-on
reset or
low-voltage
detection
state
INITX
input state
Device
internal
reset state
Run mode
or SLEEP
mode state
Timer mode,
RTC mode, or
STOP mode state
Deep standby
RTC mode or Deep
standby STOP mode
state
Return from
Deep
standby
mode state
Power
supply
unstable
Power supply stable
Power
supply
stable
Power supply stable
Power supply stable
Power
supply
stable
-
INITX = 0
INITX = 1
INITX = 1
INITX = 1
INITX = 1
INITX = 1
-
-
-
-
SPL = 0
SPL = 1
SPL = 0
SPL = 1
-
F
GPIO
selected
Setting
disabled
Setting
disabled
Setting
disabled
Maintain
previous
state
Maintain
previous
state
Hi-Z /
Internal
input fixed
at "0"
GPIO
selected
Internal
input fixed
at "0"
Hi-Z /
Internal
input fixed
at "0"
GPIO
selected
Sub crystal
oscillator input
pin /
External sub
clock input
selected
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input
enabled
G
GPIO
selected
Setting
disabled
Setting
disabled
Setting
disabled
Maintain
previous
state
Maintain
previous
state
Hi-Z /
Internal
input fixed
at "0"
GPIO
selected
Internal
input fixed
at "0"
Hi-Z /
Internal
input fixed
at "0"
GPIO
selected
External sub
clock input
selected
Setting
disabled
Setting
disabled
Setting
disabled
Maintain
previous
state
Maintain
previous
state
Hi-Z /
Internal
input fixed
at "0"
Maintain
previous
state
Hi-Z/
Internal
input fixed
at "0"
Maintain
previous
state
Sub crystal
oscillator output
pin
Hi-Z /
Internal
input
fixed at
"0"/
or Input
enable
Hi-Z /
Internal
input fixed
at "0"
Hi-Z /
Internal
input fixed
at "0"
Maintain
previous
state
Maintain
previous
state/When
oscillation
stops*
2,
Hi-Z /
Internal
input fixed
at "0"
Maintain
previous
state/When
oscillation
stops*
2,
Hi-Z /
Internal
input fixed
at "0"
Maintain
previous
state/When
oscillation
stops*
2,
Hi-Z/
Internal
input fixed
at "0"
Maintain
previous
state/When
oscillation
stops*
2,
Hi-Z/
Internal
input fixed
at "0"
Maintain
previous
state/When
oscillation
stops*
2,
Hi-Z/
Internal
input fixed
at "0"
H
External interrupt
enabled selected
Setting
disabled
Setting
disabled
Setting
disabled
Maintain
previous
state
Maintain
previous
state
Maintain
previous
state
GPIO
selected
Internal
input fixed
at "0"
Hi-Z /
Internal
input fixed
at "0"
GPIO
selected
GPIO
selected
Hi-Z
Hi-Z /
Input
enabled
Hi-Z /
Input
enabled
Hi-Z /
Internal
input fixed
at "0"
USB I/O pin
Setting
disabled
Setting
disabled
Setting
disabled
Hi-Z at
trans-
mission/
Input
enabled/
Internal
input fixed
at "0" at
reception
Hi-Z at
trans-
mission/
Input
enabled/
Internal
input fixed
at "0" at
reception
Hi-Z /
Input
enabled
Hi-Z /
Input
enabled
Hi-Z /
Input
enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com