Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9B320M Datasheet(PDF) 103 Page - SPANSION

Part # MB9B320M
Description  This document states the current technical specifications regarding
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B320M Datasheet(HTML) 103 Page - SPANSION

Back Button MB9B320M Datasheet HTML 99Page - SPANSION MB9B320M Datasheet HTML 100Page - SPANSION MB9B320M Datasheet HTML 101Page - SPANSION MB9B320M Datasheet HTML 102Page - SPANSION MB9B320M Datasheet HTML 103Page - SPANSION MB9B320M Datasheet HTML 104Page - SPANSION MB9B320M Datasheet HTML 105Page - SPANSION MB9B320M Datasheet HTML 106Page - SPANSION MB9B320M Datasheet HTML 107Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 113 page
background image
DataS h eet
100
MB9B320M_DS706-00049-3v0-E, March 10, 2015
CONFIDENTIAL
80-pin plastic LQFP
Lead pitch
0.65 mm
Package width ×
package length
14.00 mm × 14.00 mm
Lead shape
Gullwing
Sealing method
Plastic mold
Mounting height
1.60 mm Max.
Code
(Reference)
P-LQFP80-14 × 14-0.65
80-pin plastic LQFP
(FPT-80P-M40)
(FPT-80P-M40)
0.32±0.06
(.013±.002)
M
0.13(.005)
14.00±0.10(.551±.004)SQ
16.00±0.20(.630±.008)SQ
*
0.145±0.055
(.006±.002)
0.10(.004)
0.60±0.15
(.024±.006)
1.50±0.10
(.059±.004)
0˚~7˚
0.25(.010)
0.10±0.05
(.004±.002)
INDEX
Details of "A" part
0.65(.026)
0.50±0.20
(.020±.008)
1
20
40
21
60
41
80
61
C
2012 FUJITSU SEMICONDUCTOR LIMITED HMbF80-40Sc-1-1
Dimensions in mm (inches).
Note: The values in parentheses are reference values.
Note 1) * : These dimensions do not include resin protrusion.
Note 2) Pins width and pins thickness include plating thickness.
Note 3) Pins width do not include tie bar cutting remainder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com