Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC021 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # CLC021
Description  SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC021 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  CLC021 Datasheet HTML 1Page - National Semiconductor (TI) CLC021 Datasheet HTML 2Page - National Semiconductor (TI) CLC021 Datasheet HTML 3Page - National Semiconductor (TI) CLC021 Datasheet HTML 4Page - National Semiconductor (TI) CLC021 Datasheet HTML 5Page - National Semiconductor (TI) CLC021 Datasheet HTML 6Page - National Semiconductor (TI) CLC021 Datasheet HTML 7Page - National Semiconductor (TI) CLC021 Datasheet HTML 8Page - National Semiconductor (TI) CLC021 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Absolute Maximum Ratings (Note 1) It
is anticipated that this device will not be offered in a
military qualified version. If Military/Aerospace speci-
fied devices are required, please contact the National
Semiconductor Sales Office / Distributors for availabil-
ity and specifications.
Supply Voltage (V
DD−VSS):
CLC021AVGZ-5.0V
6.0V
CLC021AVGZ-3.3V
4.0V
CMOS/TTL Input Voltage (V
I):
CLC021AVGZ-5.0V
−0.5V to V
DD+0.5V
CLC021AVGZ-3.3V
-0.3V to V
DD+0.3V
CMOS/TTL Output Voltage (V
O):
CLC021AVGZ-5.0V
−0.5V to V
DD+0.5V
CLC021AVGZ-3.3V
-0.3V to V
DD+0.3V
CMOS/TTL Input Current (single input):
V
I =VSS −0.5V:
−5 mA
V
I =VDD +0.5V:
+5 mA
Input Current, Other Inputs:
±1mA
CMOS/TTL Output Source/Sink Current:
±16 mA
SDO Output Source Current:
22 mA
Package Thermal Resistance
θ
JA 44-lead Metric PQFP:
(@ 0 LFM airflow)
60˚C/W
(@ 500 LFM airflow)
43˚C/W
θ
JC 44-lead Metric PQFP:
17˚C/W
Storage Temp. Range:
−65˚C to +150˚C
Junction Temperature:
+150˚C
Lead Temperature (Soldering 4
Sec):
+260˚C
ESD Rating (HBM):
2 kV
ESD Rating (MM):
150V
Transistor Count:
33,400
Recommended Operating
Conditions
Supply Voltage (V
DD−VSS):
CLC021AVGZ-5.0
5.0V ±10%
CLC021AVGZ-3.3
3.3V ±10%
CMOS/TTL Input Voltage:
V
SS to VDD
Maximum DC Bias on SDO pins:
CLC021AVGZ-5.0
3.0V ±10%
CLC021AVGZ-3.3
1.3V ±10%
P
CLK Frequency Range
10 to 40MHz
P
CLK Duty Cycle
45 to 55%
D
N and PCLK Rise/Fall Time
1.0 to 3.0 ns
Operating Free Air Temperature
(T
A):
0˚C to +70˚C
DC Electrical Characteristics—CLC021AVGZ-5.0
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified (Notes 2, 3).
Symbol
Parameter
Conditions
Reference
Min
Typ
Max
Units
V
IH
Input Voltage High Level
All CMOS Inputs
2.0
V
DD
V
V
IL
Input Voltage Low Level
V
SS
0.8
V
I
IH
Input Current High Level
V
IH =VDD
+40
+60
µA
I
IL
Input Current Low Level
V
IL =VSS
-1
-20
µA
V
OH
CMOS Output Voltage
High Level
I
OH = −10 mA
All CMOS
Outputs
2.4
4.7
V
DD
V
V
OL
CMOS Output Voltage
Low Level
I
OL = +10 mA
0.0
0.3
V
SS + 0.5V
V
V
SDO
Serial Driver Output
Voltage
R
L =75
Ω 1%,
R
REF = 1.69 k
Ω 1%,
Figure 2
SDO, SDO
700
800
900
mV
P-P
I
DD
Power Supply Current,
Total
R
L =75
Ω 1%,
R
REF = 1.69 k
Ω 1%,
P
CLK = 27 MHz, NTSC
Colour Bar Pattern,
Figure 2
47
60
mA
DC Electrical Characteristics—CLC021AVGZ-3.3
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified (Notes 2, 3).
Symbol
Parameter
Conditions
Reference
Min
Typ
Max
Units
V
IH
Input Voltage High Level
All CMOS Inputs
2.0
V
DD
V
V
IL
Input Voltage Low Level
V
SS
0.6
V
I
IH
Input Current High Level
V
IH =VDD
+22
+60
µA
I
IL
Input Current Low Level
V
IL =VSS
-1
-20
µA
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com