Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC021 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # CLC021
Description  SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC021 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button CLC021 Datasheet HTML 8Page - National Semiconductor (TI) CLC021 Datasheet HTML 9Page - National Semiconductor (TI) CLC021 Datasheet HTML 10Page - National Semiconductor (TI) CLC021 Datasheet HTML 11Page - National Semiconductor (TI) CLC021 Datasheet HTML 12Page - National Semiconductor (TI) CLC021 Datasheet HTML 13Page - National Semiconductor (TI) CLC021 Datasheet HTML 14Page - National Semiconductor (TI) CLC021 Datasheet HTML 15Page - National Semiconductor (TI) CLC021 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Device Operation (Continued)
TABLE 1. BIST and Test Pattern Generator Control Functions
Pin
Name
Function
12
D0
TPG Code Input LSB
13
D1
TPG Code Input
14
D2
TPG Code Input
15
D3
TPG Code Input MSB
29
TPG_EN
TPG Enable, Active High True
3
Test_Out
BIST Pass/Fail Output. Pass=High
(See text for Timing Requirements)
TABLE 2. Component Video Test Pattern Selection
Standard
Frame
Test Pattern
D3
D2
D1
D0
NTSC
4x3
Flat-Field Black
0
0
0
0
NTSC
4x3
PLL Pathological
0
0
0
1
NTSC
4x3
EQ Pathological
0
0
1
0
NTSC
4x3
Colour Bars, 75%, 8-Bars (modified, see text), BIST
0
0
1
1
PAL
4x3
Flat-Field Black
0
1
0
0
PAL
4x3
PLL Pathological, BIST
0
1
0
1
PAL
4x3
EQ Pathological
0
1
1
0
PAL
4x3
Colour Bars, 75%, 8-Bars (modified, see text)
0
1
1
1
NTSC
16x9
Flat-Field Black
1
0
0
0
NTSC
16x9
PLL Pathological
1
0
0
1
NTSC
16x9
EQ Pathological
1
0
1
0
NTSC
16x9
Colour Bars, 75%, 8-bars (modified, see text)
1
0
1
1
PAL
16x9
Flat-Field Black
1
1
0
0
PAL
16x9
PLL Pathological
1
1
0
1
PAL
16x9
EQ Pathological
1
1
1
0
PAL
16x9
Colour Bars, 75%, 8-Bars (modified, see text)
1
1
1
1
Note: D9 through D4 = 0 (binary)
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com