Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC021 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # CLC021
Description  SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC021 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button CLC021 Datasheet HTML 7Page - National Semiconductor (TI) CLC021 Datasheet HTML 8Page - National Semiconductor (TI) CLC021 Datasheet HTML 9Page - National Semiconductor (TI) CLC021 Datasheet HTML 10Page - National Semiconductor (TI) CLC021 Datasheet HTML 11Page - National Semiconductor (TI) CLC021 Datasheet HTML 12Page - National Semiconductor (TI) CLC021 Datasheet HTML 13Page - National Semiconductor (TI) CLC021 Datasheet HTML 14Page - National Semiconductor (TI) CLC021 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Device Operation (Continued)
TEST PATTERN GENERATOR
The CLC021 includes an on-board test pattern generator
(TPG). Four full-field component video test patterns for both
NTSC and PAL standards, and 4x3 and 16x9 raster sizes are
produced. The test patterns are: flat-field black, PLL patho-
logical, equalizer (EQ) pathological and a modified 75%,
8-colour vertical bar pattern. The pathologicals follow recom-
mendations contained in SMPTE RP 178–1996 regarding
the test data used. The colour bar pattern does not incorpo-
rate bandwidth limiting coding in the chroma and luma data
when transitioning between the bars. For this reason, it may
not be suitable for use as a visual test pattern or for input to
video D-to-A conversion devices unless measures are taken
to restrict the production of out-of-band frequency compo-
nents.
The TPG is operated by applying the code for the desired
test pattern to D0 through D3 (D4 through D9 are 00h). Since
all parallel data inputs are equipped with internal pull-down
devices, only those inputs D0 through D3 which require a
logic-1 need be pulled high. Next, apply a 27 MHz or 36 MHz
signal, appropriate to the raster size desired, at the P
CLK
input and wait until the Lock_Detect output goes true indi-
cating the VCO is locked on frequency. Then, take
TPG_Enable, pin 29, to a logic high. The serial test pattern
data appears on the SDO outputs. The Lock_Detect output
may be temporarily connected to TPG_Enable to automate
TPG operation. The TPG mode is exited by taking TPG_En-
able to a logic low. Table 1 gives device pin functions for this
mode. Table 2 gives the available test patterns and selection
codes.
10136806
FIGURE 6. Built-In Self-Test Control Sequence
10136807
FIGURE 7. Test Pattern Generator Control Sequence
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com