Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC021 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # CLC021
Description  SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC021 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button CLC021 Datasheet HTML 6Page - National Semiconductor (TI) CLC021 Datasheet HTML 7Page - National Semiconductor (TI) CLC021 Datasheet HTML 8Page - National Semiconductor (TI) CLC021 Datasheet HTML 9Page - National Semiconductor (TI) CLC021 Datasheet HTML 10Page - National Semiconductor (TI) CLC021 Datasheet HTML 11Page - National Semiconductor (TI) CLC021 Datasheet HTML 12Page - National Semiconductor (TI) CLC021 Datasheet HTML 13Page - National Semiconductor (TI) CLC021 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Device Operation (Continued)
BUILT-IN SELF-TEST (BIST)
The CLC021 has a built-in self-test (BIST) function. The
BIST performs a comprehensive go/no-go test of the device.
The test uses either a full-field colour bar for NTSC or a PLL
pathological for PAL as the test data pattern. Data is input
internally in the input data register, processed through the
device and tested for errors. A go/no-go indication is given at
the Test_Output. Table 1 gives device pin functions and
Table 2 gives the test pattern codes used for this function.
The signal level at Test_Output, pin 3, indicates a pass or fail
condition.
The BIST is initiated by applying the code for the desired
BIST to D0 through D3 (D9 through D4 are 00h) and a 27
MHz clock at the P
CLK input. Since all parallel data inputs are
equipped with an internal pull-down device, only those inputs
D0 through D3 which require a logic-1 need be pulled high.
After the Lock_Detect output goes high indicating the VCO is
locked on frequency, TPG_Enable, pin 29, is taken to a logic
high. The Lock_Detect output may be temporarily connected
to TPG_Enable to automate BIST operation. Test_Output,
pin 3, is monitored for a pass/fail indication. If no errors have
been detected, this output will go to a logic high level ap-
proximately 2 field intervals after TPG_Enable is taken high.
If errors have been detected in the internal circuitry of the
CLC021, Test_Output will remain low until the test is termi-
nated. The BIST is terminated by taking TPG _Enable to a
logic low. Continuous serial data output is available during
the test.
10136815
FIGURE 4. Power-On Reset Sequence
10136814
FIGURE 5. Power-On Reset Sequence with Manual Reset
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com