Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC021 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # CLC021
Description  SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC021 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button CLC021 Datasheet HTML 10Page - National Semiconductor (TI) CLC021 Datasheet HTML 11Page - National Semiconductor (TI) CLC021 Datasheet HTML 12Page - National Semiconductor (TI) CLC021 Datasheet HTML 13Page - National Semiconductor (TI) CLC021 Datasheet HTML 14Page - National Semiconductor (TI) CLC021 Datasheet HTML 15Page - National Semiconductor (TI) CLC021 Datasheet HTML 16Page - National Semiconductor (TI) CLC021 Datasheet HTML 17Page - National Semiconductor (TI) CLC021 Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Application Information
A typical application circuit for the CLC021 is shown in
Figure 8. This circuit demonstrates the capabilities of the
CLC021 and allows its evaluation in a variety of configura-
tions. Assembled demonstration boards with more compre-
hensive evaluation options are available, part number
SD021-5EVK (5V device) or SD021-3EVK (3.3V device).
The boards may be ordered through any of National’s sales
offices. Complete circuit board layouts and schematics in-
cluding Gerber photoplot files, for the demonstration boards
are available on National’s WEB site in the application infor-
mation for this device. For latest information, please see:
www.national.com/appinfo/interface.
APPLICATION CIRCUIT
The SD021EVK application circuit boards, Figure 9, can
accommodate different input and output drive and loading
options. Pin headers are provided for input and control I/O
signal access. Install the appropriate value resistor packs,
220
Ω at RP1 and RP3 and 330Ω at RP2 and RP4, for TTL
cabled interfaces before applying input signals. Install 51
Ω
resistor packs at RP2 and RP4 for signal sources requiring
such loading. Remove any resistor packs at RP1 and RP3
when using 50
Ω source loading.
The board’s outputs may be DC interfaced to PECL inputs by
first installing 124
Ω resistors at R1B and R2B, changing R1A
and R2A to 187
Ω and replacing C1 and C2 with short
circuits. The PECL inputs should be directly connected to J1
and J2 without cabling. If 75
Ω cabling is used to connect the
CLC021 to the PECL inputs, the voltage dividers used on the
CLC021 outputs must be removed and re-installed on the
circuit board where the PECL device is mounted. This will
provide correct termination for the cable and biasing for both
the CLC021’s outputs and the PECL inputs. It is most impor-
tant to note that a 75
Ω or equivalent DC loading (measured
with respect to the negative supply rail) must always be
installed at both of the CLC021’s SDO outputs to obtain
proper signal levels from device. When using 75
Ω Thevenin-
equivalent load circuits, the DC bias applied to the SDO
outputs should not exceed +3V (+1.3V for CLC021AVGZ-
3.3) with respect to the negative supply rail. Serial output
levels should be reduced to 400 mV
p-p by changing RREF to
3.4 k
Ω. This may be done by removing the Output Level
shorting jumper on the post header.
10136808
FIGURE 8. Typical Application Circuit
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com