Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC021 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # CLC021
Description  SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC021 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button CLC021 Datasheet HTML 2Page - National Semiconductor (TI) CLC021 Datasheet HTML 3Page - National Semiconductor (TI) CLC021 Datasheet HTML 4Page - National Semiconductor (TI) CLC021 Datasheet HTML 5Page - National Semiconductor (TI) CLC021 Datasheet HTML 6Page - National Semiconductor (TI) CLC021 Datasheet HTML 7Page - National Semiconductor (TI) CLC021 Datasheet HTML 8Page - National Semiconductor (TI) CLC021 Datasheet HTML 9Page - National Semiconductor (TI) CLC021 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
AC Electrical Characteristics—CLC021AVGZ-3.3 (Continued)
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified (Note 3).
Symbol
Parameter
Conditions
Reference
Min
Typ
Max
Units
L
GEN
Output Inductance
(Note 4)
SDO, SDO
6nH
R
GEN
Output Resistance
(Note 4)
25k
Ω
Note 1: “Absolute Maximum Ratings” are those parameter values beyond which the life and operation of the device cannot be guaranteed. The stating herein of
these maximums shall not be construed to imply that the device can or should be operated at or beyond these values. The table of “Electrical Characteristics”
specifies acceptable device operating conditions.
Note 2: Current flow into device pins is defined as positive. Current flow out of device pins is defined as negative. All voltages are stated referenced to VSS =0V.
Note 3: Typical values are stated for VDD = +5.0V (CLC021AVGZ-5.0) or +3.3V (CLC021AVGZ-3.3) and TA = +25˚C.
Note 4: Specification is guaranteed by design.
Note 5: RL =75Ω, AC-coupled @ 270 Mbps,RREF = 1.69 kΩ 1%, See Test Loads and Figure 2.
Note 6: CLC021 mounted in the SD021EVK board, configured in BIST mode (NTSC colour bars) with PCLK = 27 MHz derived from Tektronix TG2000 black-burst
reference. Timing jitter measured with Tektronix VM700T using jitter measurement FFT mode, frame rate, 1 kHz filter bandwidth, Hanning window.
Note 7: Measured from rising-edge of first PCLK cycle until Lock Detect output goes high (true).
Test Loads
10136803
FIGURE 1. Test Loads
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com