Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F437IPZ Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F437IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F437IPZ Datasheet(HTML) 34 Page - Texas Instruments

Back Button MSP430F437IPZ Datasheet HTML 30Page - Texas Instruments MSP430F437IPZ Datasheet HTML 31Page - Texas Instruments MSP430F437IPZ Datasheet HTML 32Page - Texas Instruments MSP430F437IPZ Datasheet HTML 33Page - Texas Instruments MSP430F437IPZ Datasheet HTML 34Page - Texas Instruments MSP430F437IPZ Datasheet HTML 35Page - Texas Instruments MSP430F437IPZ Datasheet HTML 36Page - Texas Instruments MSP430F437IPZ Datasheet HTML 37Page - Texas Instruments MSP430F437IPZ Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 85 page
background image
MSP430x43x, MSP430x44x
MIXED SIGNAL MICROCONTROLLER
SLAS344A – JANUARY 2002 – REVISED FEBRUARY 2002
34
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timer_A (three capture/compare registers) (continued)
Input
Divider
CLK
16-Bit Timer
SSEL0
SSEL1
TACLK
ACLK
SMCLK
0
1
2
3
RC
INCLK
ID1
ID0
15
0
Data
32–kHz to 8–MHz
Timer Clock
POR/CLR
Mode
Control
MC1
MC0
Equ0
Carry/Zero
Set_TAIFG
16-Bit Timer
Capture
Mode
CCIS00
CCIS01
CCI0A
CCI0B
GND
0
1
2
3
VCC
CCI0
CCM00
CCM01
Capture/Compare
Register CCR0
15
0
Comparator 0
15
0
Output Unit 0
OM02
OM00
OM01
Capture
EQU0
Capture/Compare Register CCR0
Timer Bus
Capture
Mode
CCIS10
CCIS11
CCI1A
CCI1B
GND
0
1
2
3
VCC
CCI1
CCM10
CCM11
Capture/Compare
Register CCR1
15
0
Comparator 1
15
0
Output Unit 1
OM12
OM10
OM11
Capture
EQU1
Capture/Compare Register CCR1
Capture
Mode
CCIS20
CCIS21
CCI2A
CCI2B
GND
0
1
2
3
VCC
CCI2
CCM20
CCM21
15
0
Comparator 2
15
0
Output Unit 2
OM22
OM20
OM21
Capture
EQU2
Capture/Compare Register CCR2
Out 0
Out 1
Out 2
Capture/Compare
Register CCR2
P1.0/TA0
P1.2/TA1
P2.0/TA2
P1.5/TACLK/
ACLK
P1.5/TACLK/
ACLK
P1.0/TA0
P1.1/TA0/MCLK
P1.2/TA1
CAOUT
from
Comparator_A
P2.0/TA2
ACLK
to ADC1211
Figure 6. Timer_A Configuration With Three Capture/Compare Registers (CCRs)
The module uses two interrupt vectors. One individual vector is assigned to capture/compare block CCR0 and
one common interrupt vector is implemented for the timer and the other two capture/compare blocks. The three
interrupt events using the same vector are identified by an individual interrupt vector word. The interrupt vector
word is used to add an offset to the program counter to continue the interrupt handler software on the
corresponding program location. This simplifies the interrupt handler and gives each interrupt event the same
overhead of five cycles in the interrupt handler.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com